Part Name
         Description
DQ65033QKA04

 Quarter-brick DC/DC Converter ( 15 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 4 page
background image
Product # DQ65033QKA04
Phone 1-888-567-9596
Doc.# 005-2DQ653L Rev. B
11/11/04
Page 4
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
Current:
Current:
P
Package:
ackage:
35-75V
35-75V
5.0V & 3.3V
5.0V & 3.3V
40W
40W
Quarter-brick
Quarter-brick
Parameter P
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Regulation Stage Switching Frequency
205
215
225
kHz
Isolation Stage Switching Frequency
107.5
kHz
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State Voltage
2.4
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.4
18
V
On-State Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Figures A, B
Pull-Up Voltage
9.2
V
Pull-Up Resistance
40
k
Output Voltage Trim Range
-10
+10
%
Trim-up pins 6-5, Trim-down pins 6-4; Figure C
Output Over-Voltage Protection (3.3V)
4.0
4.1
4.2
V
Over full temp range
Output Over-Voltage Protection (5.0V)
6.1
6.2
6.3
V
Over full temp range
Over-Temperature Shutdown
117
122
127
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
Load Current Scale Factor (5.0V rail)
231
See App Note: Output Load Current Calc.
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
TBD
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
2.5
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See website for latest values
STANDARDS COMPLIANCE
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL 60950
File # E194341, Basic insulation & pollution degree 2
EN60950
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact factory for official product family qualification document.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for Logic Sense, Pin Length and
Feature Set for this family of DC/DC converters. Please consult the
last page of this specification sheet for information on available
options.
PATENTS
SynQor is protected under various patents, including but not lim-
ited to U.S. Patent numbers 5,999,417; 6,222,742 B1;
6,594,159 B2; 6,545,890 B2.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DQ61212QMA06Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ62412QKA02Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
U6229BDC/DC Converter - Power Supply 28 V 1 2 3 4 5 MoreTEMIC Semiconductors
AP1603STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
PTQA430025_0612100-W 48-V INPUT ISOLATED DC/DC CONVERTER 1 2 3 4 5 MoreTexas Instruments
BD6066EKNStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
LTC34221.5A 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect 1 2 3 4 5 MoreLinear Technology
GSC2596M150 KHz 2A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION
PT471145-W Dual-Output Isolated DC/DC Converter 1 2 3 4 5 MoreTexas Instruments
R5212DStep-down DC/DC Converter with VR and Reset 1 2 3 4 5 MoreRICOH electronics devices division

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl