Part Name
         Description
DQ65033QMA06

 Quarter-brick DC/DC Converter ( 15 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # DQ65033QMA06
Phone 1-888-567-9596
Doc.# 005-2DQ653E Rev. H
7/7/04
Page 6
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
35-75V
35-75V
5.0V & 3.3V
5.0V & 3.3V
60W
60W
Quarter-brick
Quarter-brick
3.2
3.225
3.25
3.275
3.3
3.325
3.35
3.375
3.4
IOUT1 / IOUT2 (A)
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
3.3V_48Vin
5.0V_48Vin
3.2
3.225
3.25
3.275
3.3
3.325
3.35
3.375
3.4
13.6/0 12.1/1 10.6/2
9.1/3
7.6/4
6.1/5
4.5/6
3.0/7
1.5/8
0/9
IOUT1 / IOUT2 (A)
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
3.3V_48Vin
5.0V_48Vin
Figure 7: Load regulation vs. load current with power fixed at full load
(60W) and load currents split as shown between 3.3V and 5.0V outputs,
at nominal input voltage.
Figure 8: Load regulation vs. load current with power fixed at 75%
load (45W) and load currents split as shown between 3.3V and 5.0V
outputs, at nominal input voltage.
Figure 9: Load regulation vs. output power from 10W load to full load
with 75% load on 3.3V output and 25% load on 5.0V output at nominal
input voltage.
Figure 10: . Load regulation vs. output power from 10W load to full
load with 25% load on 3.3V output and 75% load on 5.0V output at
nominal input voltage.
3.2
3.225
3.25
3.275
3.3
3.325
3.35
3.375
3.4
10
20
30
40
50
60
Total Output Power (W)
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
3.3V_48Vin
5.0V_48Vin
Figure 11: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 to 400 LFM, air flowing from pin 1 to pin
3. Full load (18A) on 3.3V output and no load on 5.0V output.
3.2
3.225
3.25
3.275
3.3
3.325
3.35
3.375
3.4
10
20
30
40
50
60
Total Output Power (W)
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
3.3V_48Vin
5.0V_48Vin
Figure 12: Thermal plot of converter at 18 amp load on 3.3V ouput and
no load on 5.0V output with 55°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage)
0
2
4
6
8
10
12
14
16
18
20
025
40
55
70
85
Ambient Air Temperature (
oC)
400 LFM
300 LFM
200 LFM
100 LFM
0 LFM
Semiconductor junction temperature is
within 1°C of surface temperature
Input voltage has virtually no
effect on cross regulation
Input voltage has virtually no
effect on cross regulation
Input voltage has virtually no
effect on cross regulation
Input voltage has virtually no
effect on cross regulation
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DQ61212QMA06Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ62412QKA02Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ65033QKA04Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
U6229BDC/DC Converter - Power Supply 28 V 1 2 3 4 5 MoreTEMIC Semiconductors
AP1603STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
PTQA430025_0612100-W 48-V INPUT ISOLATED DC/DC CONVERTER 1 2 3 4 5 MoreTexas Instruments
BD6066EKNStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
LTC34221.5A 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect 1 2 3 4 5 MoreLinear Technology
GSC2596M150 KHz 2A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION
PT471145-W Dual-Output Isolated DC/DC Converter 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl