Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ65033QMA06 Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # DQ65033QMA06
Description  Quarter-brick DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QMA06 Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button DQ65033QMA06 Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ65033QMA06 Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ65033QMA06 Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QMA06 Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QMA06 Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QMA06 Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ65033QMA06 Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ65033QMA06 Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ65033QMA06 Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Product # DQ65033QMA06
Phone 1-888-567-9596
Doc.# 005-2DQ653E Rev. H
7/7/04
Page 8
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
35-75V
35-75V
5.0V & 3.3V
5.0V & 3.3V
60W
60W
Quarter-brick
Quarter-brick
Figure 23: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 24), Input Reflected Ripple Current
(Figure 25) and Output Voltage Ripple (Figure 26).
10 µH
source
impedance
DC/DC
Converter
See Fig. 25
See Fig. 24
See Fig. 26
1 µF
ceramic
capacitors
15 µF,
300m
Ω ESR
tantalum
capacitors
47 µF,
<1
Ω ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT2+
VOUT1+
COM
(-)
Figure 24: Input Terminal Ripple Current, 3.3V & 5.0V outputs at 50%
rated output current and nominal input voltage with 10µH source
impedance and 100µF electrolytic capacitor (200 mA/div). (see Fig. 23)
Figure 19: Turn-on transient at full rated load current (resistive load)
(10 ms/div). Input voltage pre-applied. Ch 1: 3.3Vout (2V/div); Ch 2:
5.0Vout (2V/div), Ch 3: ON/OFF input (5V/div)
Figure 20: Turn-on transient at zero load current (10 ms/div). Ch 1:
3.3Vout (2V/div); Ch 2: 5.0Vout (2V/div). Ch 3: ON/OFF input
(5V/div).
Figure 21: Output voltage response to step-change in Iout1 (50%-75%-50% of
Imax; dI/dt = 0.1A/µs). Load cap: 15µF, 300 m
ESR tantalum cap & 1µF ceramic
cap. Vout (200mV/div), Iout (10A/div). Ch1:Vout1; Ch2:Iout1; Ch3:Vout2; Ch4:Iout2
Figure 22: Output voltage response to step-change in Iout2 (50%-75%-50% of
Imax; dI/dt = 0.1A/µs). Load cap: 15µF, 300 m
ESR tantalum cap & 1µF ceramic
cap.. Vout (200mV/div), Iout (10A/div). Ch1:Vout1; Ch2:Iout1; Ch3:Vout2; Ch4:Iout2
3.3Vout
5.0Iout
3.3Iout
5.0Vout
3.3Vout
5.0Iout
3.3Iout
5.0Vout
3.3Vout
5.0Vout
3.3Vout
5.0Vout


Similar Part No. - DQ65033QMA06

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NKS SYNQOR-DQ65033QGL10NKS Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NKT SYNQOR-DQ65033QGL10NKT Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NNS SYNQOR-DQ65033QGL10NNS Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NNT SYNQOR-DQ65033QGL10NNT Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ65033QMA06

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com