Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ65033QGL10PNS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # DQ65033QGL10PNS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QGL10PNS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button DQ65033QGL10PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product # DQ65033QGL10
Phone 1-888-567-9596
Doc.# 005-2DQ653D Rev. C
9/14/04
Page 7
Performance Curves
48Vin 5.0/3.3Vout 100W
Quarter
Quarter
Brick Dual
Brick Dual
Figure 17: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 18), Input Reflected Ripple Current
(Figure 19) and Output Voltage Ripple (Figure 20).
Figure 18: Input Terminal Ripple Current, 3.3V & 5.0V outputs at full
rated output current and nominal input voltage with 10µH source
impedance and 100µF electrolytic capacitor (50 mA/div). (see Fig. 17)
Figure 13: Turn-on transient at full rated load current (resistive load)
(10 ms/div). Input voltage pre-applied. Ch 1: 3.3Vout (1V/div); Ch 2:
5.0Vout (2V/div); Ch 3: ON/OFF input (5V/div).
Figure 14: Turn-on transient at zero load current (10 ms/div).
Ch 1: 3.3Vout (1V/div); Ch 2: 5.0Vout (2V/div)
Ch 3: ON/OFF input (5V/div)
Figure 15: Output voltage response to step-change in Iout1 (50%-75%-50% of
Imax; dI/dt = 0.1A/µs). Load cap: 15µF, 300 m
ESR tantalum & 1µF ceramic.
Vout (100mV/div), Iout (10A/div). Ch1: Vout1; Ch2 Iout1; Ch 3: Vout2; Ch 4 Iout2
Figure 16: Output voltage response to step-change in Iout2 (50%-75%-50% of
Imax; dI/dt = 0.1A/µs). Load cap: 15µF, 300 m
ESR tantalum & 1µF ceramic.
Vout (100mV/div), Iout (10A/div). Ch1: Vout1; Ch2 Iout2; Ch 3: Vout2; Ch 4 Iout2
10 µH
source
impedance
DC/DC
Converter
See Fig 19
See Fig 18
See Fig 20
1 µF
ceramic
capacitors
15 µF,
300m
Ω ESR
tantalum
capacitors
100 µF,
<1
Ω ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT2+
VOUT1+
COM
(-)
3.3Vout
5.0Iout
3.3Iout
5.0Vout
3.3Vout
5.0Iout
3.3Iout
5.0Vout
5.0Vout
3.3Vout
5.0Vout
3.3Vout


Similar Part No. - DQ65033QGL10PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QKA04 SYNQOR-DQ65033QKA04 Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NKS SYNQOR-DQ65033QKA04NKS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NNS SYNQOR-DQ65033QKA04NNS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NRS SYNQOR-DQ65033QKA04NRS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NYS SYNQOR-DQ65033QKA04NYS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
More results

Similar Description - DQ65033QGL10PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com