Part Name
         Description
IQ1B-QTC

 Quarter-brick DC-DC Converter ( 26 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # IQ1BxxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ1BQTX Rev. D
02/06/09
Page 6
Input:
Output:
Current:
Part no.:
66-160 V
3.3 V
30 A
IQ1B033QTC30
Technical Specification
IQ1B033QTC30 electrical Characteristics (3.3 Vout)
Ta=25°C,airflowrate=300LFM,Vin=110Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplate
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
Typ.
Max. Units notes & Conditions
InPUT CHARACTeRISTICS
MaximumInputCurrent
2.2
A
Vinmin;trimup;incurrentlimit
No-LoadInputCurrent
40
50
mA
DisabledInputCurrent
2.5
4
mA
ResponsetoInputTransient
0.08
V
SeeFigure6
InputTerminalRippleCurrent
70
mA
RMS
RecommendedInputFuse
5
A
Fastactingexternalfuserecommended
OUTPUT CHARACTeRISTICS
OutputVoltageSetPoint
3.267
3.3
3.333
V
OutputVoltageRegulation
OverLine
±0.1
±0.3
%
OverLoad
±0.1
±0.3
%
OverTemperature
-50
50
mV
TotalOutputVoltageRange
3.218
3.383
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise
20MHzbandwidth;seeNote1
Peak-to-Peak
70
160
mV
Fullload
RMS
15
30
mV
Fullload
OperatingOutputCurrentRange
0
30
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
33
36
39
A
Outputvoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
1.4
V
Back-DriveCurrentLimitwhileEnabled
1.78
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
0
15
50
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
10,000
µF
Voutnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
StepChangeinOutputCurrent(0.1A/µs)
100
mV
50%to75%to50%Ioutmax
SettlingTime
100
µs
Towithin1%Voutnom
OutputVoltageTrimRange
-20
10
%
AcrossPins8&4;CommonFigures3-5;seeNote2
OutputVoltageRemoteSenseRange
10
%
AcrossPins8&4
OutputOver-VoltageProtection
117
122
127
%
Overfulltemprange;%ofnominalVout
LoadCurrentScaleFactor
1500
%
SeeOutputLoadCurrentapp.noteonourweb
eFFICIenCY
100%Load
90
%
SeeFigure1forefficiencycurve
50%Load
90
%
SeeFigure1forefficiencycurve
Note1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.Forapplicationsrequiringreducedoutputvoltagerippleand
noise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
Note2:Trim-uprangeislimitedbelow10%atlowlineandfullload.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BQ55090QTA27Quarter-brick DC-DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
MPQ24S5-50B50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S24-5050 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S48-5050 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
HDH80-24BON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
2SK3132Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
DI-5260 W DC-DC Converter 1 2 Power Integrations, Inc.
SC250Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers 1 2 3 4 5 MoreSemtech Corporation
ACT6305Low Input High Efficiency Synchronous Step-Up DC-DC Converter 1 2 3 4 5 MoreList of Unclassifed Manufacturers
YB16932A / 150KHz Buck DC-DC Converter 1 2 3 4 5 MoreYOBON TECHNOLOGIES,INC.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl