Part Name
         Description
IQ1B-QTC

 Quarter-brick DC-DC Converter ( 26 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 4 page
background image
Technical
Specification
IQ1B-QTC Family
Product # IQ1BxxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ1BQTX Rev. D
02/06/09
Page 4
IQ1B Family Standards and Qualifications (all output voltages)
TA=25°C,airflowrate=300LFM,VIN=110VDCunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplate
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
STANDARDSCOMPLIANCE
Parameter
notes & Conditions
STAnDARDS COMPLIAnCe
UL/cUL60950-1
File#E194341,Basicinsulation
EN60950-1
CertifiedbyTUV
NeedleFlameTest(IEC695-2-2)
Testonentireassembly;board&plasticcomponentsUL94V-0compliant
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
Note:Anexternalinputfusemustalwaysbeusedtomeetthesesafetyrequirements.ContactSynQorforofficialsafetycertificatesonnew
releasesordownloadfromtheSynQorwebsite.
QUALIFICATIONTESTING
Parameter
# Units
Test Conditions
QUALIFICATIOn TeSTInG
LifeTest
32
95%ratedVinandload,unitsatderatingpoint,1000hours
Vibration
5
10-55Hzsweep,0.060"totalexcursion,1min./sweep,120sweepsfor3axis
MechanicalShock
5
100gminimum,2dropsinxandyaxis,1dropinzaxis
TemperatureCycling
10
-40°Cto100°C,unittemp.ramp15°C/min.,500cycles
Power/ThermalCycling
5
Toperating=mintomax,Vin=mintomax,fullload,100cycles
DesignMarginality
5
Tmin-10°CtoTmax+10°C,5°Csteps,Vin=mintomax,0-105%load
Humidity
5
85°C,85%RH,1000hours,continuousVinappliedexcept5min/day
Solderability
15pins
MIL-STD-883,method2003
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BQ55090QTA27Quarter-brick DC-DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
MPQ24S5-50B50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S24-5050 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S48-5050 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
HDH80-24BON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
2SK3132Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
DI-5260 W DC-DC Converter 1 2 Power Integrations, Inc.
SC250Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers 1 2 3 4 5 MoreSemtech Corporation
ACT6305Low Input High Efficiency Synchronous Step-Up DC-DC Converter 1 2 3 4 5 MoreList of Unclassifed Manufacturers
YB16932A / 150KHz Buck DC-DC Converter 1 2 3 4 5 MoreYOBON TECHNOLOGIES,INC.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl