Part Name
         Description
IQ12-QTC

 Quarter-brick DC-DC Converter ( 28 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # IQ12xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ12QTX Rev. B
09/23/08
Page 6
Technical Specification
Input:
Output:
Current:
Part no.:
9-22 V
1.8 V
40 A
IQ12018QTC40
Parameter
Min.
Typ.
Max. Units notes & Conditions
InPUT ChaRaCTeRISTICS
MaximumInputCurrent
13.0
A
9VIN;trimup;incurrentlimit
No-LoadInputCurrent
314
600
mA
DisabledInputCurrent
2.0
4.0
mA
ResponsetoInputTransient
0.2
V
250V/msinputtransient;100µFoutputcap.
InputTerminalRippleCurrent
168
mA
RMS
RecommendedInputFuse
30
A
Fastactingexternalfuserecommended
InputFilterComponentValues(L\C)
0.47\24
µH\µF Internalvalues;seeFigureE
OUTPUT ChaRaCTeRISTICS
OutputVoltageSetPoint
1.782
1.800
1.818
V
OutputVoltageRegulation
OverLine
+0.1
+0.3
%
OverLoad
+0.1
+0.3
%
OverTemperature
-27
27
mV
TotalOutputVoltageRange
1.755
1.845
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise1
20MHzbandwidth
Peak-to-Peak
82
160
mV
FullLoad
RMS
14
25
mV
FullLoad
OperatingOutputCurrentRange
0
40
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
44
48
52
A
OutputVoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
0.9
V
Back-DriveCurrentLimitwhileEnabled
0.3
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
0
15
50
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
10,000
µF
Voutnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
ForaStepChangeinOutputCurrent(0.1A/µs)
90
mV
50%to75%to50%IOUTmax
SettlingTime
200
µs
Towithin1%VOUTnom
OutputVoltageTrimRange
-20
+10
%
MeasuredacrossPins8&4;CommonFigure3
OutputVoltageRemoteSenseRange
+10
%
MeasuredacrossPins8&4
OutputOver-VoltageProtection
117
122
127
%
Overfulltemprange;%ofnominalVOUT
LoadCurrentScaleFactor
2667
SeeOutputLoadCurrentapp.noteonourweb
eFFICIenCy
100%Load
82
%
SeeFigure1forefficiencycurve
50%Load
83
%
SeeFigure1forefficiencycurve
note 1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.
Forapplicationsrequiringreducedoutputvoltagerippleandnoise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
IQ12018QTC40 eleCTRICal ChaRaCTeRISTICS (1.8 VOUT)
TA=25°C,airflowrate=300LFM,VIN=12VDCunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°C
ambienttemperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IQ1B-QTCQuarter-brick DC-DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
BQ55090QTA27Quarter-brick DC-DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
MPQ24S5-50B50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S24-5050 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S48-5050 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
HDH80-24BON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
2SK3132Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
DI-5260 W DC-DC Converter 1 2 Power Integrations, Inc.
SC250Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers 1 2 3 4 5 MoreSemtech Corporation
ACT6305Low Input High Efficiency Synchronous Step-Up DC-DC Converter 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl