Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ1B050QTC25NRS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # IQ1B050QTC25NRS
Description  Quarter-brick DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ1B050QTC25NRS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  IQ1B050QTC25NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ1B050QTC25NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ1B050QTC25NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ1B050QTC25NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ1B050QTC25NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ1B050QTC25NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ1B050QTC25NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ1B050QTC25NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ1B050QTC25NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Technical
Specification
IQ1B-QTC Family
Product # IQ1BxxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ1BQTX Rev. D
02/06/09
Page 4
IQ1B Family Standards and Qualifications (all output voltages)
TA=25°C,airflowrate=300LFM,VIN=110VDCunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplate
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
STANDARDSCOMPLIANCE
Parameter
notes & Conditions
STAnDARDS COMPLIAnCe
UL/cUL60950-1
File#E194341,Basicinsulation
EN60950-1
CertifiedbyTUV
NeedleFlameTest(IEC695-2-2)
Testonentireassembly;board&plasticcomponentsUL94V-0compliant
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
Note:Anexternalinputfusemustalwaysbeusedtomeetthesesafetyrequirements.ContactSynQorforofficialsafetycertificatesonnew
releasesordownloadfromtheSynQorwebsite.
QUALIFICATIONTESTING
Parameter
# Units
Test Conditions
QUALIFICATIOn TeSTInG
LifeTest
32
95%ratedVinandload,unitsatderatingpoint,1000hours
Vibration
5
10-55Hzsweep,0.060"totalexcursion,1min./sweep,120sweepsfor3axis
MechanicalShock
5
100gminimum,2dropsinxandyaxis,1dropinzaxis
TemperatureCycling
10
-40°Cto100°C,unittemp.ramp15°C/min.,500cycles
Power/ThermalCycling
5
Toperating=mintomax,Vin=mintomax,fullload,100cycles
DesignMarginality
5
Tmin-10°CtoTmax+10°C,5°Csteps,Vin=mintomax,0-105%load
Humidity
5
85°C,85%RH,1000hours,continuousVinappliedexcept5min/day
Solderability
15pins
MIL-STD-883,method2003


Similar Part No. - IQ1B050QTC25NRS

ManufacturerPart #DatasheetDescription
logo
SICK AG
IQ10-03BNOKT0S SICK-IQ10-03BNOKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNOKW2S SICK-IQ10-03BNOKW2S Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNSKT0S SICK-IQ10-03BNSKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNSKW2S SICK-IQ10-03BNSKW2S Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BPOKT0S SICK-IQ10-03BPOKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IQ1B050QTC25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com