Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCS216P1R2 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # PLCS216P1R2
Description  Planar Lightwave Circuit Splitter Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PLCS216P1R2 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  PLCS216P1R2 Datasheet HTML 1Page - OPLINK Communications Inc. PLCS216P1R2 Datasheet HTML 2Page - OPLINK Communications Inc. PLCS216P1R2 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PLCS
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
2
0
0
Splitting Type
1x4= 104
1x8= 108
1x16= 116
1x32= 132
1x64= 164
2x4= 204
2x8= 208
2x16= 216
2x32= 232
2x64= 264
Grade
Packaging Type*
Rack-mount Bracket Type
1W LGX= 1L
2W LGX= 2L
3W LGX= 3L
1RU Rack-mount Chassis= 1R
2RU Rack-mount Chassis= 2R
N/A for LGX Packaging = 0
19” Rack-mount = 1
ETSI Rack-mount = 2
23” Rack-mount = 3
Connector Type
1=FC/PC
2=FC/SPC
3=FC/APC
4=SC/PC
5=SC/SPC
6=SC/APC
8=LC/PC
A=LC/APC
Planar Lightwave Circuit Splitter Modules
PLCS2 Series
R01.20080807
S Grade= S
P Grade= P
* Refer the following table for packaging choices.
Splitter
Type
Packaging Choices
SC Connector Type
LC Connector Type
FC Connector Type
1x4
1W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
2x4
1W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
1x8
2W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
2W LGX, 1RU Rack-mount Chassis
2x8
2W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
2W LGX, 1RU Rack-mount Chassis
1x16
3W LGX, 1RU Rack-mount Chassis
2W LGX, 1RU Rack-mount Chassis
3W LGX, 1RU Rack-mount Chassis
2x16
3W LGX, 1RU Rack-mount Chassis
2W LGX, 1RU Rack-mount Chassis
3W LGX, 1RU Rack-mount Chassis
1x32
1RU Rack-mount Chassis
1RU Rack-mount Chassis
1RU Rack-mount Chassis
2x32
1RU Rack-mount Chassis
1RU Rack-mount Chassis
1RU Rack-mount Chassis
1x64
1RU Rack-mount Chassis
1RU Rack-mount Chassis
2RU Rack-mount Chassis
2x64
1RU Rack-mount Chassis
1RU Rack-mount Chassis
2RU Rack-mount Chassis
In order to meet different rack-mount applications, additional rack-mount brackets are also available. Please refer the fol-
lowing table for ordering information.
Oplink Part Number
Product Description
OMSSBR19IEC0000
1RU 19” Rack-mount Brackets (one pair)
OMSSBRETSI00000
1RU ETSI Rack-mount Brackets (one pair)
OMSSBR230000000
1RU 23” Rack-mount Brackets (one pair)


Similar Part No. - PLCS216P1R2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS2 OPLINK-PLCS2 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS2-S0064 OPLINK-PLCS2-S0064 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
More results

Similar Description - PLCS216P1R2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS2 OPLINK-PLCS2 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS2-S0064 OPLINK-PLCS2-S0064 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCSS011 OPLINK-PLCSS011 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCS1 OPLINK-PLCS1 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
Agilent(Hewlett-Packard...
AGL83440C HP-AGL83440C Datasheet
293Kb / 8P
   High-Speed Lightwave Converters
N4374B HP-N4374B Datasheet
367Kb / 18P
   Lightwave Component Analyzer
N4373C HP-N4373C Datasheet
414Kb / 18P
   67 GHz Single-Mode Lightwave Component Analyzer
logo
List of Unclassifed Man...
TRV5366 ETC1-TRV5366 Datasheet
127Kb / 2P
   lightwave transceiver for OC-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com