Part Name
         Description
IQ18-HPC

 Half-brick DC-DC Converter ( 28 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # IQ18xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005029 Rev. B
04/13/09
Page 6
Technical Specification
Input:
Output:
Current:
Part no.:
9 - 36 V
1.8 V
60 A
IQ18018HPC60
IQ18018HPC60 electrical Characteristics (1.8 Vout)
Ta=25°C,airflowrate=300LFM,Vin=18Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplate
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
typ.
Max. Units notes & Conditions
InPUt CHARACteRIstICs
MaximumInputCurrent
19.3
A
Vinmin;trimup;incurrentlimit
No-LoadInputCurrent
190
240
mA
DisabledInputCurrent
3
4
mA
ResponsetoInputTransient
0.09
V
SeeFigure6
InputTerminalRippleCurrent
350
mA
RMS
RecommendedInputFuse
3.0
A
Fastactingexternalfuserecommended
OUtPUt CHARACteRIstICs
OutputVoltageSetPoint
1.782
1.8
1.818
V
OutputVoltageRegulation
OverLine
±0.1
±0.3
%
OverLoad
±0.1
±0.3
%
OverTemperature
-27
27
mV
TotalOutputVoltageRange
1.755
1.845
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise
20MHzbandwidth;seeNote1
Peak-to-Peak
0
100
200
mV
Fullload
RMS
21
40
mV
Fullload
OperatingOutputCurrentRange
0
60
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
66.0
72.0
78.0
A
Outputvoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
0.8
V
Back-DriveCurrentLimitwhileEnabled
0.8
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
0.1
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
15,000
µF
Voutnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
StepChangeinOutputCurrent(0.1A/µs)
100
mV
50%to75%to50%Ioutmax
SettlingTime
400
µs
Towithin1%Voutnom
OutputVoltageTrimRange
-20
10
%
AcrossPins8&4;CommonFigures3-5;seeNote2
OutputVoltageRemoteSenseRange
10
%
AcrossPins8&4
OutputOver-VoltageProtection
2.1
2.2
2.3
V
Overfulltemprange
eFFICIenCY
100%Load
82
%
SeeFigure1forefficiencycurve
50%Load
86
%
SeeFigure1forefficiencycurve
Note1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.Forapplicationsrequiringreducedoutputvoltagerippleand
noise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
Note2:Trim-uprangeislimitedbelow10%atlowlineandfullload.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IQ12-HPXHalf-brick DC-DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
LV12S5-100Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S12-150Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S15-150Low Voltage DC-DC Converter 10-36 Vdc Input 15Vdc Output at 10A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S20-100Low Voltage DC-DC Converter 10-36 Vdc Input 20Vdc Output at 5A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S24-150Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S26-150Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
SPW48S24-100100W DC-DC Converter 18-75 Vdc Input 24Vdc Output at 4.16A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S28-150Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
HDH100-24BON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT 1 2 HITRON ELECTRONICS CORPORTION

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl