Part Name
         Description
IQ18-HPC

 Half-brick DC-DC Converter ( 28 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 4 page
background image
Technical
Specification
IQ18-HPC Family
Product # IQ18xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005029 Rev. B
04/13/09
Page 4
STANDARDSCOMPLIANCE
Parameter
Notes&Conditions
STANDARDSCOMPLIANCE
UL/cUL60950-1
File#E194341,Basicinsulation
EN60950-1
CertifiedbyTUV
NeedleFlameTest(IEC695-2-2)
Testonentireassembly;board&plasticcomponentsUL94V-0compliant
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
Note:Anexternalinputfusemustalwaysbeusedtomeetthesesafetyrequirements.ContactSynQorforofficialsafetycertificatesonnew
releasesordownloadfromtheSynQorwebsite.
QUALIFICATIONTESTING
Parameter
#Units TestConditions
QUALIFICATIONTESTING
LifeTest
32
95%ratedVinandload,unitsatderatingpoint,1000hours
Vibration
5
10-55Hzsweep,0.060"totalexcursion,1min./sweep,120sweepsfor3axis
MechanicalShock
5
100gminimum,2dropsinxandyaxis,1dropinzaxis
TemperatureCycling
10
-40°Cto100°C,unittemp.ramp15°C/min.,500cycles
Power/ThermalCycling
5
Toperating=mintomax,Vin=mintomax,fullload,100cycles
DesignMarginality
5
Tmin-10°CtoTmax+10°C,5°Csteps,Vin=mintomax,0-105%load
Humidity
5
85°C,85%RH,1000hours,continuousVinappliedexcept5min/day
Solderability
15pins
MIL-STD-883,method2003
IQ18 Family standards and Qualification
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IQ12-HPXHalf-brick DC-DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
LV12S5-100Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S12-150Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S15-150Low Voltage DC-DC Converter 10-36 Vdc Input 15Vdc Output at 10A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S20-100Low Voltage DC-DC Converter 10-36 Vdc Input 20Vdc Output at 5A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S24-150Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S26-150Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
SPW48S24-100100W DC-DC Converter 18-75 Vdc Input 24Vdc Output at 4.16A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S28-150Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
HDH100-24BON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT 1 2 HITRON ELECTRONICS CORPORTION

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl