Electronic Components Datasheet Search |
|
IQ18033HPC50NRS-G Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters |
|
IQ18033HPC50NRS-G Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters |
7 / 28 page Product # IQ18xxxHPCxx Phone 1-888-567-9596 www.synqor.com Doc.# 005-005029 Rev. B 04/13/09 Page 7 Technical Specification Input: Output: Current: Part no.: Figure 1: Efficiency at nominal output voltage vs. load current for minimum, nominal, and maximum input voltage at 25°C. Figure 2: Power dissipation at nominal output voltage vs. load current for minimum, nominal, and maximum input voltage at 25°C. Figure 3: Encased converter (without heatsink) max. output power derating vs. ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows across the converter from input to output (nominal input voltage). Figure 4: Encased converter (with 1/2” heatsink) max. output power derating vs. ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows across the converter from input to output (nominal input voltage). Figure 6: Output voltage response to step-change in input voltage (1000 V/ms). Load cap: 100 µF, electrolytic output capacitance. Ch 1: Vout (200 mV/div), Ch 2: Vin (10 V/div). Figure 5: Output voltage response to step-change in load current (50%-75%- 50% of Iout(max); dI/dt = 0.1 A/µs). Load cap: 1 µF ceramic capacitor. Ch 1: Vout ( 500 m V/div), Ch 2: Iout (25 A/div). 0 3 6 9 12 15 18 21 24 27 0 10 20 30 40 50 60 Load Current (A) 10 Vin 18 Vin 36 Vin 60 65 70 75 80 85 90 95 100 0 10 20 30 40 50 60 Load Current (A) 10 Vin 18 Vin 36 Vin 0 10 20 30 40 50 60 70 25 40 55 70 85 Ambient Air Temperature (°C) 400 LFM (2.0 m/s) 300 LFM (1.5 m/s) 200 LFM (1.0 m/s) 100 LFM (0.5 m/s) 0 10 20 30 40 50 60 70 25 40 55 70 85 Ambient Air Temperature (°C) 400 LFM (2.0 m/s) 300 LFM (1.5 m/s) 200 LFM (1.0 m/s) 100 LFM (0.5 m/s) 9 - 36 V 1.8 V 60 A IQ18018HPC60 9 - 36 V 1.8 V 60 A IQ18018HPC60 Figures |
Similar Part No. - IQ18033HPC50NRS-G |
|
Similar Description - IQ18033HPC50NRS-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |