Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ65033QMA06PYS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # DQ65033QMA06PYS
Description  Quarter-brick DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QMA06PYS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  DQ65033QMA06PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters DQ65033QMA06PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters DQ65033QMA06PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ65033QMA06PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ65033QMA06PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ65033QMA06PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QMA06PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QMA06PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QMA06PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Product # DQ65033QMA06
Phone 1-888-567-9596
Doc.# 005-2DQ653E Rev. H
7/7/04
Page 5
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
35-75V
35-75V
5.0V & 3.3V
5.0V & 3.3V
60W
60W
Quarter-brick
Quarter-brick
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
Total Output Power (W)
35 Vin
48 Vin
75 Vin
Figure 1: Efficiency vs. output power, from 0 load to full load with 50%
load on 3.3V output and 50% load on 5.0V output at minimum, nominal,
and maximum input voltage at 25°C.
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
Total Output Power (W)
35 Vin
48 Vin
75 Vin
Figure 2: Power dissipation vs. output power, from 0 load to full load
with 50% load on 3.3V output and 50% load on 5.0V output at mini-
mum, nominal, and maximum input voltage at 25°C.
60
65
70
75
80
85
90
95
100
10.9/0
9.4/1
7.9/2
6.4/3
4.8/4
3.3/5
1.8/6
0/7.2
Load Current (A), 3.3Vout/5.0Vout
35 Vin
48 Vin
75 Vin
Figure 3: Efficiency vs. load current, with total output power fixed at
60% load (36W) and load currents split as shown between 3.3V and
5.0V outputs at minimum, nominal, and maximum input voltage at 25°C.
0
1
2
3
4
5
6
7
8
10.9/0
9.4/1
7.9/2
6.4/3
4.8/4
3.3/5
1.8/6
Load Current (A), 3.3Vout/5.0Vout
35 Vin
48 Vin
75 Vin
Figure 4: Power dissipation vs. load current, with total output power
fixed at 60% load (36W) and load currents split as shown between 3.3V
and 5.0V outputs at minimum, nominal, and max input voltage at 25°C.
Figure 5: Efficiency at 80% load and 50/50 voltage split (7.3A load on
3.3V and 4.8A load on 5.0V) versus airflow rate for ambient air temper-
atures of 25°C, 40°C.and 55°C (nominal input voltage).
Figure 6: Power dissipation at 80% load and 50/50 voltage split (7.3A
load on 3.3V and 4.8A load on 5.0V) versus airflow rate for ambient air
temperatures of 25°C, 40°C.and 55°C (nominal input voltage).
82
83
84
85
86
87
88
89
90
0100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C


Similar Part No. - DQ65033QMA06PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NKS SYNQOR-DQ65033QGL10NKS Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NKT SYNQOR-DQ65033QGL10NKT Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NNS SYNQOR-DQ65033QGL10NNS Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NNT SYNQOR-DQ65033QGL10NNT Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ65033QMA06PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com