Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ1B300QTC05NRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # IQ1B300QTC05NRS
Description  Quarter-brick DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ1B300QTC05NRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  IQ1B300QTC05NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ1B300QTC05NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ1B300QTC05NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ1B300QTC05NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ1B300QTC05NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ1B300QTC05NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ1B300QTC05NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ1B300QTC05NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ1B300QTC05NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Technical
Specification
IQ1B-QTC Family
Product # IQ1BxxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ1BQTX Rev. D
02/06/09
Page 1
Operational Features
• Highefficiencies,87-91%atfullratedloadcurrent
• Deliversfullpowerwithminimalderating-noheatsinkrequired
• Operatinginputvoltagerange:66-160V
• FixedfrequencyswitchingprovidespredictableEMI
• Nominimumloadrequirement
Protection Features
• Inputunder-voltagelockout
• Outputcurrentlimitandshortcircuitprotection
• Activebackbiaslimit
• Outputover-voltageprotection
• Thermalshutdown
Mechanical Features
• Industrystandardquarter-brickpin-outconfiguration
• Size:1.54"x2.39"x0.50"(39.0x60.6x12.7mm)
• Totalweight:3.02oz.(85.7g)
Control Features
• On/Offcontrolreferencedtoinputside
• Remotesensefortheoutputvoltage
• Outputvoltagetrimrangeof-20%,+10%
Safety Features
• 2250V,30MWinput-to-outputisolation
• UL/cUL60950-1recognized(US&Canada),basic
insulationrating
• TUVcertifiedtoEN60950-1
• MeetsdirectiveswhichfacilitatesCEMarkinginuser’s
endproduct
• BoardandplasticcomponentsmeetUL94V-0standard
• RoHScompliant(seePage26)
TheInQor®quarter-brickconverterseriesiscomposed
of next-generation, board-mountable, isolated,
fixedswitchingfrequencydc-dcconvertersthatuse
synchronous rectification to achieve extremely high
powerconversionefficiency.Eachmoduleissupplied
completely encased to provide protection from the
harsh environments seen in many industrial and
transportationapplications.
66-160 V
170 V
1.8-48 V
255 W
2250 V dc Quarter-brick
Continuous Input Transient Input
Outputs
Max Power
Isolation
DC-DC Converter
COnTenTS
PageNo.
MechanicalDrawing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
IQ1BFAMILYElectricalCharacteristics(alloutputvoltages) . . . . . . . . . . 3
IQ1BFamilyStandardsandQualifications(alloutputvoltages). . . . . . . . 4
IQ1BFamilyFigures(alloutputvoltages) . . . . . . . . . . . . . . . . . . . . . . . 5
IQ1B033QTC30ElectricalCharacteristics(3.3Vout). . . . . . . . . . . . . . . . 6
IQ1B033QTC30Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
IQ1B050QTC25ElectricalCharacteristics(5.0Vout). . . . . . . . . . . . . . . . 8
IQ1B050QTC25Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
IQ1B070QTC20ElectricalCharacteristics(7.0Vout). . . . . . . . . . . . . . . 10
IQ1B070QTC20Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
IQ1B120QTC12ElectricalCharacteristics(12.0Vout). . . . . . . . . . . . . . 12
IQ1B120QTC12Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
IQ1B150QTC10ElectricalCharacteristics(15.0Vout). . . . . . . . . . . . . . 14
IQ1B150QTC10Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
IQ1B240QTC06ElectricalCharacteristics(24.0Vout). . . . . . . . . . . . . . 16
IQ1B240QTC06Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
IQ1B300QTC05ElectricalCharacteristics(30.0Vout). . . . . . . . . . . . . . 18
IQ1B300QTC05Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
IQ1B480QTC03ElectricalCharacteristics(48.0Vout). . . . . . . . . . . . . . 20
IQ1B480QTC03Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
ApplicationNotes. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
OrderingInformation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26


Similar Part No. - IQ1B300QTC05NRS

ManufacturerPart #DatasheetDescription
logo
SICK AG
IQ10-03BNOKT0S SICK-IQ10-03BNOKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNOKW2S SICK-IQ10-03BNOKW2S Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNSKT0S SICK-IQ10-03BNSKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNSKW2S SICK-IQ10-03BNSKW2S Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BPOKT0S SICK-IQ10-03BPOKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IQ1B300QTC05NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com