Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ24120QTC10NRS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # IQ24120QTC10NRS
Description  Quarter-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ24120QTC10NRS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  IQ24120QTC10NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ24120QTC10NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ24120QTC10NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ24120QTC10NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ24120QTC10NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ24120QTC10NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ24120QTC10NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ24120QTC10NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ24120QTC10NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Technical
Specification
IQ24-QTC Family
Product # IQ24xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ24QTX Rev. C
09/23/08
Page 5
Common Figure 3: Trim graph for trim-up 1.8 to 12 V outputs.
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
Load Current (% )
Vin, Min.
Vin, Typ.
Vin, Max.
Typical Current Limit Inception Point
Typical Output Voltage at Shutdown
Common Figure 1: Typical startup waveform. Input voltage pre-applied,
ON/OFF Pin on Ch 2.
Common Figure 2: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
100.0
1,000.0
10,000.0
100,000.0
1,000,000.0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15 V
24 V
30 V
48 V
10.0
100.0
1,000.0
10,000.0
100,000.0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1.8 V
3.3 V
5 V
7 V
12 V
% Decrease in Vout (All voltages)
10.0
100.0
1,000.0
10,000.0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
% Decrease in Vout (All voltages)
Common Figure 5: Trim graph for trim down.
Common Figure 4: Trim graph for trim-up 15 to 48 V outputs.
Nominal Vout
IQ24 FaMIly FIGUReS (all output voltages)


Similar Part No. - IQ24120QTC10NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ24120HPC18NRS SYNQOR-IQ24120HPC18NRS Datasheet
2Mb / 28P
   Half-brick DC-DC Converter
IQ24120HPC18NRS-G SYNQOR-IQ24120HPC18NRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ24120HPD18NRS-G SYNQOR-IQ24120HPD18NRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
More results

Similar Description - IQ24120QTC10NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com