Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ32120HPC13NRS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # IQ32120HPC13NRS
Description  Half-brick DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ32120HPC13NRS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  IQ32120HPC13NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ32120HPC13NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ32120HPC13NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ32120HPC13NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ32120HPC13NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ32120HPC13NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ32120HPC13NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ32120HPC13NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ32120HPC13NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical
Specification
IQ32-HPC Family
Product # IQ32xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005H332 Rev. 1
08/13/08
Page 3
PRELIMINARY
IQ32 FAMILY eLeCTRICAL CHARACTeRISTICS (all output voltages)
Ta=25°C,airflowrate=300LFM,Vin=32Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplate
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
Typ.
Max.
Units notes & Conditions
ABSOLUTe MAXIMUM RATInGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
75
V
Continuous
OperatingTransientProtection
100
V
100 ms
Isolation Voltage
InputtoOutput
2250
V dc
InputtoBase-Plate
2250
V dc
OutputtoBase-Plate
2250
V dc
OperatingTemperature
-40
100
°C
Baseplatetemperature
StorageTemperature
-55
125
°C
VoltageatON/OFFinputpin
-2
18
V
InPUT CHARACTeRISTICS
OperatingInputVoltageRange
9
32
75
V
100V,100msTransient;SeeNote1
InputUnder-VoltageLockout
Turn-OnVoltageThreshold
11.0
11.2
11.5
V
Turn-OffVoltageThreshold
8.1
8.4
8.7
V
LockoutVoltageHysteresis
2.8
V
InputOver-VoltageShutdown
-
V
NotAvailable
RecommendedExternalInputCapacitance
470
µF
TypicalESR0.1-0.2Ω
InputFilterComponentValues(L\C)
0.34\13.2
µH\µF Internalvalues;seeFigureE
DYnAMIC CHARACTeRISTICS
Turn-OnTransient
Turn-OnTime
10
ms
Fullload,Vout=90%nom.
Start-UpInhibitTime
200
230
250
ms
-40°Cto+125°C;FigureF
OutputVoltageOvershoot
0
%
MaximumOutputCapacitance
ISOLATIOn CHARACTeRISTICS
IsolationVoltage(dielectricstrength)
SeeAbsoluteMaximumRatings
IsolationResistance
30
IsolationCapacitance(inputtooutput)
1000
pF
SeeNote2
TeMPeRATURe LIMITS FOR POWeR DeRATInG CURVeS
SemiconductorJunctionTemperature
125
°C
Packageratedto150°C
BoardTemperature
125
°C
ULratedmaxoperatingtemp130°C
Transformer Temperature
125
°C
MaximumBaseplateTemperature,Tb
100
°C
FeATURe CHARACTeRISTICS
SwitchingFrequency
255
275
295
kHz
Isolation stage switching freq. is half this
ON/OFFControl
Off-StateVoltage
2.4
18
V
On-StateVoltage
-2
0.8
ON/OFFControl
ApplicationnotesFiguresA&B
Pull-UpVoltage
5
V
Pull-UpResistance
50
Over-TemperatureShutdownOTPTripPoint
125
°C
AveragePCBTemperature
Over-TemperatureShutdownRestartHysteresis
10
°C
ReLIABILITY CHARACTeRISTICS
CalculatedMTBF(Telcordia)TR-NWT-000332
TBD
106 Hrs. 80%load,200LFM,40°CTa
CalculatedMTBF(MIL-217)MIL-HDBK-217F
TBD
106 Hrs. 80%load,200LFM,40°CTa
FieldDemonstratedMTBF
106 Hrs. Seeourwebsitefordetails
Note1:Start-upguaranteedabove11.5V,butwilloperatedownto9V
Note2:Highervaluesofisolationcapacitancecanbeaddedexternaltothemodule.


Similar Part No. - IQ32120HPC13NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ36-HP SYNQOR-IQ36-HP Datasheet
1Mb / 30P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
IQ36-QTC SYNQOR-IQ36-QTC Datasheet
1Mb / 28P
   Quarter-brick DC-DC Converter
IQ36018HPC60NRS SYNQOR-IQ36018HPC60NRS Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
IQ36018HPC60NRS SYNQOR-IQ36018HPC60NRS Datasheet
1Mb / 30P
   Half-brick DC-DC Converter
More results

Similar Description - IQ32120HPC13NRS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com