Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC545C Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC545C
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC545C Datasheet(HTML) 1 Page - Texas Instruments

  TLC545C Datasheet HTML 1Page - Texas Instruments TLC545C Datasheet HTML 2Page - Texas Instruments TLC545C Datasheet HTML 3Page - Texas Instruments TLC545C Datasheet HTML 4Page - Texas Instruments TLC545C Datasheet HTML 5Page - Texas Instruments TLC545C Datasheet HTML 6Page - Texas Instruments TLC545C Datasheet HTML 7Page - Texas Instruments TLC545C Datasheet HTML 8Page - Texas Instruments TLC545C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLC545C, TLC545I, TLC546C, TLC546I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 19 INPUTS
SLAS066B – DECEMBER 1985 – REVISED OCTOBER 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 8-Bit Resolution A/D Converter
D Microprocessor Peripheral or Stand-Alone
Operation
D On-Chip 20-Channel Analog Multiplexer
D Built-in Self-Test Mode
D Software-Controllable Sample and Hold
D Total Unadjusted Error... ±0.5 LSB Max
D Timing and Control Signals Compatible
With 8-Bit TLC540 and 10-Bit TLC1540 A/D
Converter Families
D CMOS Technology
PARAMETER
TL545
TL546
Channel Acquisition Time
Conversion Time (Max)
Sampling Rate (Max)
Power Dissipation (Max)
1.5
µs
9
µs
76 x 103
15 mW
2.7
µs
17
µs
40 x 103
15 mW
description
The
TLC545
and
TLC546
are
CMOS
analog-to-digital converters built around an 8-bit
switched
capacitor
successive-approximation
analog-to-digital converter. They are designed for
serial interface to a microprocessor or peripheral
via a 3-state output with up to four control inputs
including independent SYSTEM CLOCK, I/O
CLOCK, chip select (CS), and ADDRESS INPUT.
A 4-MHz system clock for the TLC545 and a
2.1-MHz system clock for the TLC546 with a
design that includes simultaneous read/write
operation allowing high-speed data transfers and
sample rates of up to 76,923 samples per second
for the TLC545, and 40,000 samples per second
for the TLC546.
In addition to the high-speed converter and
versatile control logic, there is an on-chip
20-channel analog multiplexer that can be used to
sample any one of 19 inputs or an internal self-test
voltage, and a sample-and-hold that can operate
automatically or under microprocessor control.
The converters incorporated in the TLC545 and TLC546 feature differential high-impedance reference inputs
that facilitate ratiometric conversion, scaling, and analog circuitry isolation from logic and supply noises. A totally
switched capacitor design allows low-error (
±0.5 LSB) conversion in 9 µs for the TLC545, and 17 µs for the
TLC546, over the full operating temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
INPUT A0
INPUT A1
INPUT A2
INPUT A3
INPUT A4
INPUT A5
INPUT A6
INPUT A7
INPUT A8
INPUT A9
INPUT A10
INPUT A11
INPUT A12
GND
VCC
SYSTEM CLOCK
I/O CLOCK
ADDRESS INPUT
DATA OUT
CS
REF +
REF –
INPUT A18
INPUT A17
INPUT A16
INPUT A15
INPUT A14
INPUT A13
N PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
ADDRESS INPUT
DATA OUT
CS
REF +
REF –
INPUT A18
INPUT A17
INPUT A4
INPUT A5
INPUT A6
INPUT A7
INPUT A8
INPUT A9
INPUT A10
4
15 16 17 18
FN PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12


Similar Part No. - TLC545C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545C TI1-TLC545C Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545CFN TI1-TLC545CFN Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545CN TI1-TLC545CN Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545CNG4 TI1-TLC545CNG4 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545C TI1-TLC545C_13 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results

Similar Description - TLC545C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545C TI1-TLC545C_13 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com