Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFAP1305C Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # PTFAP1305C
Description  Plug Type Fixed Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PTFAP1305C Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  PTFAP1305C Datasheet HTML 1Page - OPLINK Communications Inc. PTFAP1305C Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PTFA
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
0
0
0
0
Material
Metal = M
Plastic = P
Attenuation
Value
Wavelength
Return Loss
1310nm = 13
1550nm = 15
1625nm = 16
1310/1550nm = 35
1550/1625nm = 56
1310/1550/1625nm = 36
30dB = A
45dB = B
50dB = C
55dB = D
60dB = E
65dB = F
Connector Type
FC/PC = 2
FC/UPC = 3
FC/APC = 4
SC/PC = 5
SC/UPC = 6
SC/APC = 7
ST/PC = 8
LC/PC = 9
MU/PC = A
LC/APC = B
Plug Type Fixed Attenuator
PTFA Series
R02.20090312
1dB = 01
2dB = 02
3dB = 03
4dB = 04
5dB = 05
6dB = 06
7dB = 07
8dB = 08
9dB = 09
10dB = 10
.
.
20dB = 20
FC/PC(APC)
SC/PC(Metal, Plastic), SC/APC
LC
MU
26.1(Ref.)
30.1(Ref.)
36(Ref.)
34(Ref.)


Similar Part No. - PTFAP1305C

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PTFA-S0069 OPLINK-PTFA-S0069 Datasheet
172Kb / 2P
   Plug Type Fixed Attenuator
logo
celduc-relais
PTFA0100 CELDUC-PTFA0100 Datasheet
472Kb / 2P
   Horizontal level sensor
logo
Infineon Technologies A...
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501F INFINEON-PTFA041501F Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
More results

Similar Description - PTFAP1305C

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PTFA-S0069 OPLINK-PTFA-S0069 Datasheet
172Kb / 2P
   Plug Type Fixed Attenuator
logo
Mini-Circuits
UNAT-5 MINI-UNAT-5 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-8 MINI-UNAT-8 Datasheet
153Kb / 1P
   N-Type Fixed Attenuator
UNAT-15 MINI-UNAT-15 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-20 MINI-UNAT-20 Datasheet
177Kb / 1P
   N-Type Fixed Attenuator
UNAT-1 MINI-UNAT-1 Datasheet
174Kb / 1P
   N-Type Fixed Attenuator
UNAT-7 MINI-UNAT-7 Datasheet
155Kb / 1P
   N-Type Fixed Attenuator
UNAT-30 MINI-UNAT-30 Datasheet
173Kb / 1P
   N-Type Fixed Attenuator
UNAT-10 MINI-UNAT-10 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-12 MINI-UNAT-12 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com