Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ64120HPC16NRS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # IQ64120HPC16NRS
Description  Half-brick DC-DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ64120HPC16NRS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  IQ64120HPC16NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ64120HPC16NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ64120HPC16NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ64120HPC16NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ64120HPC16NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ64120HPC16NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ64120HPC16NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ64120HPC16NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ64120HPC16NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Technical
Specification
IQ64-HPC Family
Product # IQ64xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005065 Rev. 4
10/03/08
Page 5
PRELIMINARY
Common Figure 3: Trim graph for trim-up 1.8 to 12 V outputs.
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
Load Current (% )
Vin min
Vin nom
Vin max
Typical Current Limit Inception Point
Typical Output Voltage at Shutdown
Common Figure 1: Typical startup waveform. Input voltage pre-applied,
ON/OFF Pin on Ch 2.
Common Figure 2: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
100
1,000
10,000
100,000
1,000,000
0
1
2
3
4
5
6
7
8
9
10
15 V
24 V
28 V
40V
48 V
10
100
1,000
10,000
100,000
0
1
2
3
4
5
6
7
8
9
10
1.8 V
3.3 V
5 V
12 V
% Decrease in Vout (All voltages)
10.0
100.0
1,000.0
10,000.0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
% Decrease in Vout (All voltages)
Extended operation in
this area should be avoided
at an input voltage > 100 V.
See app. notes for details.
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
Load Current (% )
Vin max
Typical Current Limit Inception Point
Typical Output Voltage at Shutdown
Common Figure 6: Safe operating range limitations.
Common Figure 5: Trim graph for trim down.
Common Figure 4: Trim graph for trim-up 15 to 48 V outputs.
Nominal Vout
IQ64 FAMILY FIGUReS (all output voltages)
5.00


Similar Part No. - IQ64120HPC16NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QMA10 SYNQOR-IQ65033QMA10 Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10EKF-G SYNQOR-IQ65033QMA10EKF-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10EKS-G SYNQOR-IQ65033QMA10EKS-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
More results

Similar Description - IQ64120HPC16NRS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com