Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCOTS-C-28-05-QT Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # MCOTS-C-28-05-QT
Description  Military COTS DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MCOTS-C-28-05-QT Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button MCOTS-C-28-05-QT Datasheet HTML 5Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 6Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 7Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 8Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 9Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 10Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 11Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 12Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product # MCOTS-C-28-05-QT
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005271 Rev. 1
06/11/09
Page 10
Output:
Current:
5V
24A
MCOTS-C-28-05-QT
Technical Specification
APPLICATIONCONSIDERATIONS
Figure C: Typical application circuit (negative logic unit, permanently enabled).
Figure D: Internal Input Filter Diagram (component values listed on the specifications page).
Vin
External
Input
Filter
Trim
Vin(+)
I
load
C
load
Vout(+)
R
trim-up
or
R
trim-down
Vsense(+)
ON/OFF
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
C
2
C
1
Lin
Vin(+)
Vin(_)
Regulation
Stage
Isolation
Stage
Input System Instability: This condition can occur because
any dc-dc converter appears incrementally as a negative
resistanceload.Adetailedapplicationnotetitled“InputSystem
Instability”isavailableontheSynQorwebsitewhichprovides
anunderstandingofwhythisinstabilityarises,andshowsthe
preferredsolutionforcorrectingit.
Application Circuits:FigureCprovidesatypicalcircuitdiagram
whichdetailstheinputfilteringandvoltagetrimming.
Input Filtering and External Capacitance:FigureDprovides
adiagramshowingtheinternalinputfiltercomponents.Thisfilter
dramaticallyreducesinputterminalripplecurrent,whichotherwise
couldexceedtheratingofanexternalelectrolyticinputcapacitor.
The recommended external input capacitance is specified in the
Input Characteristics section on the Electrical Characteristics
page.Moredetailedinformationisavailableintheapplicationnote
titled“EMICharacteristics”ontheSynQorwebsite.


Similar Part No. - MCOTS-C-28-05-QT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP-N-S SYNQOR-MCOTS-C-28-05-HP-N-S Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
More results

Similar Description - MCOTS-C-28-05-QT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
   Military COTS DC/DC Converters
MCOTS-C-28-48-QT SYNQOR-MCOTS-C-28-48-QT Datasheet
989Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-HP SYNQOR-MCOTS-C-28-15-HP Datasheet
1,013Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-QT SYNQOR-MCOTS-C-28-15-QT Datasheet
982Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-48-HP SYNQOR-MCOTS-C-28-48-HP Datasheet
1Mb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-12-HP SYNQOR-MCOTS-C-28-12-HP Datasheet
1,006Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-24-QT SYNQOR-MCOTS-C-28-24-QT Datasheet
999Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
logo
VPT, Inc.
VHR5-2800S VPT-VHR5-2800S Datasheet
1Mb / 8P
   HIGH RELIABILITY COTS DC-DC CONVERTERS
VHR15-2800S VPT-VHR15-2800S Datasheet
2Mb / 9P
   HIGH RELIABILITY COTS DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com