Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCOTS-C-28-05-QT Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # MCOTS-C-28-05-QT
Description  Military COTS DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MCOTS-C-28-05-QT Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  MCOTS-C-28-05-QT Datasheet HTML 1Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 2Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 3Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 4Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 5Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 6Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 7Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 8Page - SynQor Worldwide Headquarters MCOTS-C-28-05-QT Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # MCOTS-C-28-05-QT
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005271 Rev. 1
06/11/09
Page 4
Output:
Current:
5V
24A
MCOTS-C-28-05-QT
Technical Specification
MCOTS-C-28-05-QT ELECTRICAL CHARACTERISTICS
Tb=25°C,Vin=28Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-55°Cto+100°Cbaseplatetemperaturewithappropriatepower
derating.Specificationssubjecttochangewithoutnotice.
DYNAMIC CHARACTERISTICS
Turn-OnTransient
Turn-OnTime
9
ms
Fullload,Vout=90%nom.
Start-UpInhibitTime
200
230
250
ms
-40°Cto+125°C;FigureE
OutputVoltageOvershoot
0
%
MaximumOutputCapacitance
ISOLATION CHARACTERISTICS
IsolationVoltage(dielectricstrength)
SeeAbsoluteMaximumRatings
IsolationResistance
30
IsolationCapacitance(inputtooutput)
1000
pF
SeeNote2
TEMPERATURE LIMITS FOR POWER DERATING CURVES
SemiconductorJunctionTemperature
125
°C
Packageratedto150°C
BoardTemperature
125
°C
ULratedmaxoperatingtemp130°C
TransformerTemperature
125
°C
MaximumBaseplateTemperature,Tb
100
°C
FEATURE CHARACTERISTICS
SwitchingFrequency
230
250
270
kHz
Forbothinputandisolationstage
ON/OFFControl
Off-StateVoltage
2.4
18
V
On-StateVoltage
-2
0.8
ON/OFFControl
ApplicationnotesFiguresA&B
Pull-UpVoltage
5
V
Pull-UpResistance
50
Over-TemperatureShutdownOTPTripPoint
125
°C
AveragePCBTemperature
Over-TemperatureShutdownRestartHysteresis
10
°C
RELIABILITY CHARACTERISTICS
CalculatedMTBF(Telcordia)TR-NWT-000332
TBD
106Hrs. 80%load,200LFM,40°CTa
CalculatedMTBF(MIL-217)MIL-HDBK-217F
TBD
106Hrs. 80%load,200LFM,40°CTa
FieldDemonstratedMTBF
106Hrs. Seeourwebsitefordetails
Note1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.Forapplicationsrequiringreducedoutputvoltagerippleand
noise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
Note2:Highervaluesofisolationcapacitancecanbeaddedexternaltothemodule.


Similar Part No. - MCOTS-C-28-05-QT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP-N-S SYNQOR-MCOTS-C-28-05-HP-N-S Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
More results

Similar Description - MCOTS-C-28-05-QT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
   Military COTS DC/DC Converters
MCOTS-C-28-48-QT SYNQOR-MCOTS-C-28-48-QT Datasheet
989Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-HP SYNQOR-MCOTS-C-28-15-HP Datasheet
1,013Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-QT SYNQOR-MCOTS-C-28-15-QT Datasheet
982Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-48-HP SYNQOR-MCOTS-C-28-48-HP Datasheet
1Mb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-12-HP SYNQOR-MCOTS-C-28-12-HP Datasheet
1,006Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-24-QT SYNQOR-MCOTS-C-28-24-QT Datasheet
999Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
logo
VPT, Inc.
VHR5-2800S VPT-VHR5-2800S Datasheet
1Mb / 8P
   HIGH RELIABILITY COTS DC-DC CONVERTERS
VHR15-2800S VPT-VHR15-2800S Datasheet
2Mb / 9P
   HIGH RELIABILITY COTS DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com