Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCOTS-C-28-24-QT Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MCOTS-C-28-24-QT
Description  MILITARY COTS DC/DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MCOTS-C-28-24-QT Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MCOTS-C-28-24-QT Datasheet HTML 5Page - SynQor Worldwide Headquarters MCOTS-C-28-24-QT Datasheet HTML 6Page - SynQor Worldwide Headquarters MCOTS-C-28-24-QT Datasheet HTML 7Page - SynQor Worldwide Headquarters MCOTS-C-28-24-QT Datasheet HTML 8Page - SynQor Worldwide Headquarters MCOTS-C-28-24-QT Datasheet HTML 9Page - SynQor Worldwide Headquarters MCOTS-C-28-24-QT Datasheet HTML 10Page - SynQor Worldwide Headquarters MCOTS-C-28-24-QT Datasheet HTML 11Page - SynQor Worldwide Headquarters MCOTS-C-28-24-QT Datasheet HTML 12Page - SynQor Worldwide Headquarters MCOTS-C-28-24-QT Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product # MCOTS-C-28-24-QT
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005283 Rev. 1
06/16/09
Page 9
Output:
Current:
24V
5A
MCOTS-C-28-24-QT
Technical Specification
OUTPUT VOLTAGE TRIM (Pin 6):TheTRIMinputpermitsthe
usertoadjusttheoutputvoltageacrossthesenseleadsupor
downaccordingtothetrimrangespecifications.
To decrease the output voltage, the user should connect a
resistorbetweenPin6andPin5(SENSE(-)input).Foradesired
decreaseofthenominaloutputvoltage,thevalueoftheresistor
shouldbe
Rtrim-down=
(511)-10.22(kW)
∆%
where
∆% =
Vnominal–Vdesiredx100%
Vnominal
To increase the output voltage, the user should connect a
resistorbetweenPin6andPin7(SENSE(+)input).Foradesired
increaseofthenominaloutputvoltage,thevalueoftheresistor
shouldbe
Trim graphs show the relationship between the trim resistor
valueandRtrim-upandRtrim-down,showingthetotalrangethe
outputvoltagecanbetrimmedupordown.
Note:theTRIMfeaturedoesnotaffectthevoltageatwhichthe
outputover-voltageprotectioncircuitistriggered.Trimmingthe
outputvoltagetoohighmaycausetheover-voltageprotection
circuittoengage,particularlyduringtransients.
ItisnotnecessaryfortheusertoaddcapacitanceattheTrim
pin.Thenodeisinternallybypassedtoeliminatenoise.
Total DC Variation of VOUT:Fortheconvertertomeetitsfull
specifications, the maximum variation of the dc value of VOUT,
duetobothtrimmingandremoteloadvoltagedrops,shouldnot
begreaterthanthatspecifiedfortheoutputvoltagetrimrange.
PROTECTIONFEATURES
Input Under-Voltage Lockout: The converter is designed
toturnoffwhentheinputvoltageistoolow,helpingavoidan
input system instability problem, described in more detail in
the application note titled “Input System Instability” on our
website.Thelockoutcircuitryisacomparatorwithdchysteresis.
Whentheinputvoltageisrising,itmustexceedthetypicalTurn-
On Voltage Threshold value (listed on the specifications page)
before the converter will turn on. Once the converter is on,
the input voltage must fall below the typical Turn-Off Voltage
Thresholdvaluebeforetheconverterwillturnoff.
Output Current Limit: The maximum current limit remains
constant as the output voltage drops. However, once the
impedanceoftheloadacrosstheoutputissmallenoughtomake
theoutputvoltagedropbelowthespecifiedOutputDCCurrent-
LimitShutdownVoltage,theconverterturnsoff.
Theconverterthenentersa“hiccupmode”whereitrepeatedly
turnsonandoffata5Hz(nominal)frequencywitha5%duty
cycleuntiltheshortcircuitconditionisremoved.Thisprevents
excessiveheatingoftheconverterortheloadboard.
Output Over-Voltage Limit:Ifthevoltageacrosstheoutput
pinsexceedstheOutputOver-VoltageProtectionthreshold,the
converterwillimmediatelystopswitching.Thispreventsdamage
totheloadcircuitdueto1)excessiveseriesresistanceinoutput
current path from converter output pins to sense point, 2) a
releaseofashort-circuitcondition,or3)areleaseofacurrent
limit condition. Load capacitance determines exactly how high
theoutputvoltagewillriseinresponsetotheseconditions.After
200mstheconverterwillautomaticallyrestart.
Over-Temperature Shutdown: A temperature sensor on
the converter senses the average temperature of the module.
Thethermalshutdowncircuitisdesignedtoturntheconverter
off when the temperature at the sensed location reaches the
Over-Temperature Shutdown value. It will allow the converter
toturnonagainwhenthetemperatureofthesensedlocation
fallsbytheamountoftheOver-TemperatureShutdownRestart
Hysteresisvalue.
Rtrim-up
(kW)
where
Vout=NominalOutputVoltage
511 _
10.22
5.11VOUTx(100+%)
1.225
%
%
)
=
(
_


Similar Part No. - MCOTS-C-28-24-QT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP-N-S SYNQOR-MCOTS-C-28-05-HP-N-S Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
MCOTS-C-28-05-QT-N-S SYNQOR-MCOTS-C-28-05-QT-N-S Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
MCOTS-C-28-12-HP SYNQOR-MCOTS-C-28-12-HP Datasheet
1,006Kb / 13P
   MILITARY COTS DC/DC CONVERTER
More results

Similar Description - MCOTS-C-28-24-QT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-48-QT SYNQOR-MCOTS-C-28-48-QT Datasheet
989Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-HP SYNQOR-MCOTS-C-28-15-HP Datasheet
1,013Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-12-HP SYNQOR-MCOTS-C-28-12-HP Datasheet
1,006Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-QT SYNQOR-MCOTS-C-28-15-QT Datasheet
982Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-48-HP SYNQOR-MCOTS-C-28-48-HP Datasheet
1Mb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
logo
Powerbox
MI-J2Z-IJ POWERBOX-MI-J2Z-IJ Datasheet
782Kb / 1P
   10-50 WATTS MILITARY COTS DC/DC CONVERTER
MI-LJ2Z-IJ POWERBOX-MI-LJ2Z-IJ Datasheet
635Kb / 1P
   10-150 WATTS MILITARY COTS DC/DC CONVERTER
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
   50-100 WATTS MILITARY COTS DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com