Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ65033QMA10NRS-G Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10NRS-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10NRS-G Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button IQ65033QMA10NRS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ65033QMA10NRS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ65033QMA10NRS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QMA10NRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10NRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10NRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ65033QMA10NRS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ65033QMA10NRS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ65033QMA10NRS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Input:
Outputs:
Current:
Package:
36-75 V
5.0 V/ 3.3 V
10 A
Quarter-brick
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 8
Technical Specification
FEATURE DESCRIPTIONS
Figure A: Internal Block Diagram
A
EMI Filter
Hot Swap
Control Logic
Current-
controlled hold-
up charging
converter
Hold-up
connect control
circuits
Management
Power
converter
FET
control
FET
control
FET
control
FET
control
Dis-
charge
Enable Logic
A
B
C
D
B
C
D
Temp
sense
-48_B
ENABLE_A
ENABLE_B
-48_A
VRTN_A
VRTN_B
SHELF_GND
3.3V
5.0 V
-48V_OUT
VRTN_OUT
HU_TRIM
HU_CAP
5
6
3
4
1
2
7
4
1
3
1
9
8
15
16
17
18
Isolation barrier
E
F
dV/dt
sense
F
E
E
F
10
11
12
Monitoring
circuits
Input ORing MOSFETs: ORing of dual -48V feeds is provided
by four MOSFETs, which are individually controlled so as to oper-
ate as an ideal diode (see Figure A). If there is an input feed short
of any kind, a control circuit will detect reverse current and turn
off the MOSFET in 250ns (typ.), to avoid disturbing the other feed
voltage. At zero current, the MOSFET is guaranteed to be off. In
the case of a fuse failure, this triggers the ALARM output, due to an
apparent input feed loss. Current hysteresis prevents limit cycling
around the transition point between body diode and MOSFET
conduction.
ALARM Output: The ALARM pin gives an external indication
of a fault condition. It is an isolated and buffered open-collector
output, which is normally pulled low. In the presence of an input
feed loss (which can be caused by a fuse failure), the ALARM out-
put will be tri-stated.
External Input Fuse Failure Detection: At zero current, the
input ORing MOSFETs are guaranteed to be off. In the case of a
fuse failure, an on-board bleed resistor pulls the input feed voltage
down. This triggers the ALARM output due to an apparent input
feed loss. There are two main down-sides to this approach. First,
there is no way to distinguish between a feed loss and a fuse fail-
ure. Second, an enable fuse loss is not detected, since the enables
are diode OR’d.
The full featured version of the iQor offers additional data report-
ing that makes full fuse detection possible. Among other data,
each feed voltage and each enable voltage is reported through
the I2C port. These voltages can be compared with the voltages
reported by the shelf manager to determine whether any board
fuse is blown.


Similar Part No. - IQ65033QMA10NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10NRS-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com