Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ65033QMA10NYS-G Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10NYS-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10NYS-G Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button IQ65033QMA10NYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10NYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10NYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ65033QMA10NYS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ65033QMA10NYS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ65033QMA10NYS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ65033QMA10NYS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ65033QMA10NYS-G Datasheet HTML 14Page - SynQor Worldwide Headquarters IQ65033QMA10NYS-G Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Input:
Outputs:
Current:
Package:
36-75 V
5.0 V/ 3.3 V
10 A
Quarter-brick
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 11
Technical Specification
EXTERNAL HOLD-UP CAPACITOR SELECTION
CH is the hold-up capacitance (electrolytic capacitors typically
have a ±20% tolerance):
CH =
2tH PH
Equation A
H – V²U
Typically a strong function of V
H (see Figure D).
The ATCA specification requirement is 8.70ms (see Figure E).
Where:
V
H = hold-up capacitor charge voltage.
V
U = minimum operating voltage on the 48V output; the greater
of the under-voltage lockout threshold of the payload power
converter, and the under-voltage lockout threshold of the
management power converter.
t
H = time from when the highest input feed voltage drops below
VF
, to the time when the highest input feed voltage rises
above V
U.
VF
= voltage at which the hold-up capacitor is engaged.
P
H = power drawn from the hold-up capacitor, the sum of the input
power of the payload power converter, and the input power
of the 3.3V mgmt power converter (see Figure 9):
PH =
POUT 12V
+ PIN 3.3V
Equation B
η
12V
P
OUT12V = output power delivered by the payload converter.
η
12V = efficiency of the 12V payload converter.
P
IN.3.3V = 3.3V input management converter power.
EXTERNAL HOLD-UP CAPACITOR VOLTAGE RATING
Operating electrolytic capacitors near their voltage rating does
not significantly affect their reliability, as it does with tantalum
or ceramic type capacitors. The operating life of electrolytic
capacitors is primarily determined by the capacitor internal
temperature. The capacitor lifetime roughly doubles for every
10ºC reduction in internal temperature. SynQor recommends
running 100V rated electrolytic capacitors at 90V, which
dramatically increases hold-up time for a given capacitor volume
(see Figure D). A built-in circuit automatically discharges the
hold-up capacitor when the input voltage is removed.
0
5
10
15
20
300
400
500
600
700
800
900
1000
Hold-up Capacitance (µF)
90V
80V
70V
PH=200W
CF=100µF
VI=-43V
Figure D: Hold-up Time (ms) vs. Hold-up Capacitance (µF) at
Hold-up Charge Voltages of 70V, 80V, and 90V (see Equation A).
The AdvancedTCA hold-up time requirement is at most 8.70ms (solid
horizontal line). The capacitor tolerance is not factored into this result.
Error bars indicate the worst case range of hold-up time for a given
hold-up capacitance.
36.0V
43.0V
41.0V
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
Time (ms)
8.70ms
Figure E: The PICMG 3.0 R2.0 AdvancedTCA Base Specification
requires continuous operation through a zero-volt transient, lasting 5ms
(Section 4.1.2.2). However, this is not a square wave: the voltage starts
at a minimum amplitude of -43V, falls at 50V/ms, remains at 0V for
5ms, and then rises at 12.5V/ms. At the worst case values of the hold-up
connect threshold and the management power under-voltage lockout
threshold, the required hold-up time is 8.70ms.


Similar Part No. - IQ65033QMA10NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10NYS-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com