Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ65033QMA10EKF-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10EKF-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10EKF-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button IQ65033QMA10EKF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ65033QMA10EKF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QMA10EKF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10EKF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10EKF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ65033QMA10EKF-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ65033QMA10EKF-G Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ65033QMA10EKF-G Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ65033QMA10EKF-G Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Input:
Outputs:
Current:
Package:
36-75 V
5.0 V/ 3.3 V
10 A
Quarter-brick
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 9
Technical Specification
Input Enable: The ENABLE_A/B signals connect to VRTN_A/B
on the backplane via the shortest pins in the zone 1 connector.
They are the last pins to mate during board insertion, and the
first to disconnect during board extraction. The ENABLE_A and
ENABLE_B signals are diode-ORed together which lets either sig-
nal enable the module. Whenever both ENABLE pins are open,
the hot-swap switch is opened. This prevents -48V output power
from being drawn though the EARLY pre-charge resistors.
The ENABLE signals also control the management power. On
board insertion, the management power remains off until at least
one of ENABLE_A/B is connected. On board extraction, the
management power is disabled at the end of the 100ms hold-up
period, and remains off until ENABLE_A/B is reconnected. This
prevents the IPMI controller from reading an invalid hardware
address when a board is partially inserted. Management power
flows through the EARLY pre-charge resistors for a maximum of
100ms, which provides a margin similar to the pre-charge event
in terms of resistor safe-operating-area.
EARLY Precharge Resistors: The EARLY_A/B signals connect
to the longest pins in the zone 1 power connector, and therefore
first to mate during board insertion. External resistors connected
between these signals and VRTN_A/B allow the relatively small
EMI filter capacitance to be pre-charged before the main power
pins make contact. A 100W surge rated 2010 case size resistor
is recommended (KOA SG73 series or equivalent).
Hot Swap - Thermal Shutdown: To protect the unit from
damage in an abnormal thermal environment, the hot-swap switch
will be disabled when the thermal sensor temperature rises above
the turn-off threshold. The switch will be automatically enabled
again when the temperature goes below the turn-on threshold.
The management power remains on during an over-temperature
condition.
The full featured version of the iQor reports the actual temperature
through the I2C port.
Hot Swap - Over-Current Protection: If the -48V output
current rises above the current limit threshold, the hot-swap switch
will be disabled, and will immediately enter another soft-start
sequence. If an output short is detected, the hot-swap switch
will be disabled and will enter a hiccup mode of operation with
automatic restart.
The full featured version of the iQor reports actual output current
through the I2C port.
Hot Swap - Transient Suppression: Input transient events
can occur if there is a short on an adjacent board or backplane.
The short builds up a large current in the wiring inductance,
and when a fuse blows, the voltage behind the fuse spikes very
quickly. This can cause a loss of redundancy since many other
boards could be exposed to this spike.
The iQor unit conditions the -48V output, providing for seam-
less ride-through of input voltage transients. If the positive dV/
dt of the input voltage is too high, the hot-swap switch will be
disabled and will immediately enter another soft-start sequence.
This limits the dV/dt seen on the -48V output, which prevents the
12V payload power converter from having such a large glitch
on its output that it shuts down. The -48V output hold-up function
remains active throughout, in case the hot-swap switch is forced
off for too long.
Passive Transient Suppression: Each input feed has a dedi-
cated internal bidirectional TVS zener diode, rated for a minimum
clamp voltage of 77.8V at 1mA. A TVS diode short due to electri-
cal overstress will not disable the iQor module: a fuse will open,
and the module can continue to run from the other feed.
External Hold-up Capacitor Charge: A current controlled
DC-DC converter charges the external hold-up capacitor to a volt-
age of 50V-95V, set by an external resistor. The charge voltage
can range either above or below the input feed voltage. Constant
current charging takes place whenever the hot-swap switch is
enabled.
Hold-up Capacitor Connect: When the hot-swap switch is
enabled, 2 seconds are allocated to charge the hold-up capaci-
tor. After this time, a comparator is armed, which connects the
hold-up capacitor to the -48V output should the output ever drop
below the given connect threshold. A current limit circuit protects
against damage during a short circuit condition. A dV/dt limit cir-
cuit regulates the hold-up connect switch turn-on speed. When the
comparator is tripped, the hold-up connect switch remains closed
for 100ms, is off for 2 seconds to allow the hold-up capacitor to
recharge, and then is automatically rearmed (if the output voltage
is above the given arm threshold).
Hold-up Capacitor Discharge:
Whenever the hot-swap
switch is disabled, an internal resistor bank is connected across
the hold-up capacitor. This is intended to reduce the voltage on
the hold-up capacitor below 60V within 1 second.
Management Power:
An isolated management power
converter delivers both 3.3V and a low power 5.0V relative
to LOGIC_GND. Over-current protection operates in constant
current with a hiccup mode if the output voltage drops too far.
Output over-voltage circuitry is included with a redundant refer-
ence and optocoupler.


Similar Part No. - IQ65033QMA10EKF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10EKF-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com