Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFL-28VE-3R3S-Y-ES Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # MQFL-28VE-3R3S-Y-ES
Description  HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28VE-3R3S-Y-ES Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button MQFL-28VE-3R3S-Y-ES Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28VE-3R3S-Y-ES Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28VE-3R3S-Y-ES Datasheet HTML 9Page - SynQor Worldwide Headquarters MQFL-28VE-3R3S-Y-ES Datasheet HTML 10Page - SynQor Worldwide Headquarters MQFL-28VE-3R3S-Y-ES Datasheet HTML 11Page - SynQor Worldwide Headquarters MQFL-28VE-3R3S-Y-ES Datasheet HTML 12Page - SynQor Worldwide Headquarters MQFL-28VE-3R3S-Y-ES Datasheet HTML 13Page - SynQor Worldwide Headquarters MQFL-28VE-3R3S-Y-ES Datasheet HTML 14Page - SynQor Worldwide Headquarters MQFL-28VE-3R3S-Y-ES Datasheet HTML 15Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Product # MQFL-28-3R3S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2MQ330S Rev. C
11/29/07
Page 11
Output:
Output:
Current:
Current:
3.3 V
3.3 V
30 A
30 A
MQFL-28-3R3S
MQFL-28-3R3S
T
T
T
Te
e
e
ec
c
c
ch
h
h
hn
n
n
niiiic
c
c
ca
a
a
allll S
S
S
Sp
p
p
pe
e
e
ec
c
c
ciiiiffffiiiic
c
c
ca
a
a
attttiiiio
o
o
on
n
n
n
CURRENT SHARE: When several MQFL converters are placed
in parallel to achieve either a higher total load power or N+1
redundancy, their SHARE pins (pin 11) should be connected
together. The voltage on this common SHARE node represents
the average current delivered by all of the paralleled converters.
Each converter monitors this average value and adjusts itself so
that its output current closely matches that of the average.
Since the SHARE pin is monitored with respect to the OUTPUT
RETURN (pin 8) by each converter, it is important to connect all
of the converters’ OUTPUT RETURN pins together through a low
DC and AC impedance.
When this is done correctly, the con-
verters will deliver their appropriate fraction of the total load cur-
rent to within +/- 10% at full rated load.
Whether or not converters are paralleled, the voltage at the
SHARE pin could be used to monitor the approximate average
current delivered by the converter(s). A nominal voltage of 1.0V
represents zero current and a nominal voltage of 2.2V represents
the maximum rated current, with a linear relationship in between.
The internal source resistance of a converter’s SHARE pin signal
is 2.5 kW. During an input voltage fault or primary disable event,
the SHARE pin outputs a power failure warning pulse.
The
SHARE pin will go to 3V for approximately 14ms as the output
voltage falls.
NOTE: Converters operating from separate input filters with
reverse polarity protection (such as the MQME-28-T filter) with
their outputs connected in parallel may exhibit hiccup operation
at light loads. Consult factory for details.
OUTPUT VOLTAGE TRIM: If desired, it is possible to increase
the MQFL converter’s output voltage above its nominal value. To
do this, use the +SENSE pin (pin 10) for this trim function instead
of for its normal remote sense function, as shown in Figure D. In
this case, a resistor connects the +SENSE pin to the –SENSE pin
(which should still be connected to the output return, either
remotely or locally). The value of the trim resistor should be cho-
sen according to the following equation or from Figure E:
Rtrim = 100 x
Vnom
[Vout – Vnom – 0.025]
where:
Vnom = the converter’s nominal output voltage,
Vout = the desired output voltage (greater than Vnom), and
Rtrim is in Ohms.
As the output voltage is trimmed up, it produces a greater voltage
stress on the converter’s internal components and may cause the
converter to fail to deliver the desired output voltage at the low
end of the input voltage range at the higher end of the load cur-
rent and temperature range.
Please consult the factory for
details. Factory trimmed converters are available by request.
100
1,000
10,000
100,000
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Increase in Vout (V)
Figure D: Typical connection for output voltage trimming.
28Vdc
+VIN
Load
IN RTN
CASE
ENA 1
SYNC OUT
SYNC IN
ENA 2
SHARE
+ SNS
– SNS
OUT RTN
+VOUT
1
2
3
4
5
6
12
11
10
9
8
7
open
means
on
Rtrim
+
+
Figure E: Output Voltage Trim Graph


Similar Part No. - MQFL-28VE-3R3S-Y-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28VE-3R3S-Y-ES SYNQOR-MQFL-28VE-3R3S-Y-ES Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQFL-28VE-3R3S-Y-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12D SYNQOR-MQFL-28-12D Datasheet
714Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15D SYNQOR-MQFL-28-15D Datasheet
717Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-28S SYNQOR-MQFL-28-28S Datasheet
643Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-7R5S SYNQOR-MQFL-28-7R5S Datasheet
651Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-09S SYNQOR-MQFL-28-09S Datasheet
655Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15S SYNQOR-MQFL-28-15S Datasheet
642Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com