Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ65033QMA10SNF-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10SNF-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10SNF-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  IQ65033QMA10SNF-G Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ65033QMA10SNF-G Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ65033QMA10SNF-G Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ65033QMA10SNF-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ65033QMA10SNF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ65033QMA10SNF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QMA10SNF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10SNF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10SNF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Technical
Specification
IQ65033QMA10
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 1
The IQ65033QMA10 iQorPower Interface Module
integrates all features required by the AdvancedTCA
Base Specification into a Quarter-Brick footprint. The
iQor offers industry leading external hold-up capacitor
volumetric density for a compact overall solution. At
a 90V hold-up capacitor voltage (trimmable 50-95 V),
only 564 µF is required to achieve 8.70ms hold-up time
at 200Win. The -48 V output voltage is conditioned for
smooth operation through severe input transient events.
The iQor is designed thermally and electrically to drive
high power wide-range-input DC/DC converters such as
the 300 W SynQor PQ60120QEA25. RoHS Compliant see
last page.
• Managementpowerover-voltageprotection
• Managementpowerover-currentprotection
• Mainoutputover-currentprotection
• Thermalshutdownprotectstheunitfromabnormal
environmental conditions
• Inputfuse/feedlossalarm
Protection Features
• 2250V,30MΩVRTN_A/BtoLOGIC_GNDand
SHELF_GNDisolation
• UL/cUL60950-1recognized(US&Canada),basic
insulation rating
• TUVcertifiedtoEN60950-1
• Meets72/23/EECand93/68/EECdirectiveswhich
facilitates CE Marking in user’s end product
• BoardandplasticcomponentsmeetUL94V-0
flammability requirements
Safety Features
IQ65033QMA10 Module
36-75V @ 10 A
3.3 V & 5.0 V
Quarter-Brick ATCA
Input/Output
MGMT Power
Power Interface Module
• InputORingforA&Bpowerfeeds(MOSFET-basedfor
low power dissipation)
• Hotswapcontrolwithseamlessride-throughofinput
voltage transient
• EMIfiltermeetsCISPR22ClassBwhenusedasdirected
(see applications section)
• Externalhold-upcapacitortrimmablefrom50-95V
• Automaticdischargeofexternalhold-upcapacitor
• Isolatedmanagementpowerof3.3Vat3.6Aand5.0V
at 150 mA
• Dualinputsideenable
• I2C interface data reporting (optional)
Operational Features
• Industrystandardquarter-bricksize:1.45"x2.3"
(36.8x58.4 mm)
• Overallheightof0.54"(13.7mm),permitsbetterairflow
and smaller card pitch
• Totalweight:1.2oz(34g)
• Flangedpinsdesignedtopermitsurfacemountsoldering
(avoid wave solder) using FPiP technique
• Externalhold-upcapacitorfootprintmuchsmallerthan
other solutions currently available on the market
Mechanical Features


Similar Part No. - IQ65033QMA10SNF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10SNF-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com