Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ65033QMA10NNF-G Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10NNF-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10NNF-G Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  IQ65033QMA10NNF-G Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Input:
Outputs:
Current:
Package:
36-75 V
5.0 V/ 3.3 V
10 A
Quarter-brick
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 5
Technical Specification
IQ65033QMA10 ELECTRICAL CHARACTERISTICS (Continued)
Specifications subject to change without notice. Specifications in bold are guaranteed by design over the temperature range -40º to 125ºC.
Parameter P
Min.
Typ.
Max.
Units Notes & Conditions
I2C DATA REPORTING INTERFACE
Maximum Clock Rate
100
400
kHz
Clock stretching happens at the maximum rate
Measurement Error
Feed Voltage A/B
+3
%
Holdup Voltage
+3
%
-48V_OUT Current
+3
%
Temperature
+3
°C
OVER-TEMPERATURE PROTECTION
Shutdown Point
135
°C
Does not shut down Management Power
Restart Hysteresis
10
°C
Automatic restart
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
3.6
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
3.27
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See website for details
STANDARDS COMPLIANCE
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL 60950-1
File # E194341, Basic insulation & pollution degree 2
EN60950-1
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
Test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axes
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
• Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact the factory for official product family qualification documents.


Similar Part No. - IQ65033QMA10NNF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10NNF-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com