Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ65033QMA10NNF-G Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10NNF-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10NNF-G Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  IQ65033QMA10NNF-G Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10NNF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Input:
Outputs:
Current:
Package:
36-75 V
5.0 V/ 3.3 V
10 A
Quarter-brick
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 4
Technical Specification
Parameter \
Min.
Typ.
Max.
Units Notes & Conditions
DUAL ENABLE INPUT CHARACTERISTICS
ENABLE_A/B Threshold
V
ATCA
26.0
28.5
31.0
V
At input feed voltage -48V_A/B; see Figure A
NEDS (ON\OFF)
40.0\36.0 42.5\39.0 45.0\42.0
V
ETSI
32.0
34.0
36.0
V
Current Drain per Enable Pin (Vin = -75V)
0.36
mA
-48V OUTPUT
Efficiency
No load on 3.3V/5.0V outputs, Vin = -48V
300W Output Power
97.7
98.2
200W Output Power
98.0
98.5
Equivalent Resistance From Input Feed
120
200
mW
Recommended External Output Filter Capacitance
80
100
270
µF
See Note 2
Hot-Swap Startup Ramp dV/dt
150
200
250
V/s
Output Voltage Delay
250
650
ms
No load; depends on external cap.; see Figure 5
Input Current Limit (Turns Off Hot-Swap Momentarily)
15
17.5
20
A
Hold-up still active
Input dV/dt Limit (Turns Off Hot-Swap Momentarily)
40
V/ms
Short Circuit Duration to Initiate Hiccup Mode
2
ms
Restart Time in Hiccup Mode
1.8
2.0
2.2
s
INPUT ORING
ORing MOSFET Turn On Current
0.4
1.0
2.4
A
ORing MOSFET Turn Off Current
0.1
0.4
1.1
A
ORing MOSFET Current Hysteresis
0.3
0.6
1.3
A
Turn On Time
600
µs
Turn Off Time
0.25
µs
HOLD-UP CAPACITOR INTERFACE
Hold-up Capacitor Trim Range
50
90
95
V
Can be set either above or below input voltage
Hold-up Capacitor Charge Accuracy
87.2
90.0
92.8
V
2.49kΩ external trim resistance, 1% 100ppm/ºC
External Hold-up Voltage Trim Resistor Power Dissipation
160
µW
Hold-up Capacitor Charge Current
40
mA
Switching Frequency
405
450
495
KHz
Hold-up power converter
-48V_OUT Threshold
See Note 3
To Arm Hold-up (ATCA/NEDS options)
-36.9
-38.9
-40.9
V
At VRTN_OUT w.r.t. -48V_OUT; see Figure A
To Initiate Hold-up (ATCA/NEDS)
-36.4
-38.5
-40.4
V
To Arm Hold-up Connect (ETSI)
-32.4
-34.5
-36.4
V
To Initiate Hold-up Connect (ETSI)
-32.4
-34.5
-36.4
V
dV/dt on Hold-up Connect
80
V/ms
Duration of Hold-up Connect
0.1
s
See Note 4
Delay Before Hold-up Connect is (Re)Armed
2
s
48V output still enabled
Hold-up Capacitor Discharge Resistance
1.55
1.65
1.75
kΩ
Maximum Hold-up Capacitance
3300
µF
Yields 55ms (200 W at 90 V cap charge)
ISOLATED ALARM OUTPUT (ALARM = HIZ)5
Input A/B Feed Voltage Alarm Threshold
36.4
38.4
40.4
V
At input feed voltage -48V_A/B; see Figure A
Open Circuit Voltage
40
V
On-State Voltage
0.2
0.4
V
At 50mA
On-State Transistor Collector Current
50
mA
Off-State Transistor Collector Current
1
µA
IQ65033QMA10 ELECTRICAL CHARACTERISTICS (Continued)
Specifications subject to change without notice. Specifications in bold are guaranteed by design over the temperature range -40º to 125ºC.
Note 1: If the 5.0 V load current exceeds 100 mA, up to 200 mV of additional voltage drop is possible on the 5.0 V output.
Note 2: Maximum DC load at startup is 50 mA. Full load can be applied 700 ms after enable or 400 ms after the management power is up and running.
Note 3: Hold-up operation with Vin < 43 V not required by ATCA specification.
Note 4: 48 V output does not recover after hold-up event unless input is above Arm Hold-up threshold.
Note 5: Does not inhibit 48 V output and is non-latching.


Similar Part No. - IQ65033QMA10NNF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10NNF-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com