Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC546I Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC546I
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC546I Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC546I Datasheet HTML 3Page - Texas Instruments TLC546I Datasheet HTML 4Page - Texas Instruments TLC546I Datasheet HTML 5Page - Texas Instruments TLC546I Datasheet HTML 6Page - Texas Instruments TLC546I Datasheet HTML 7Page - Texas Instruments TLC546I Datasheet HTML 8Page - Texas Instruments TLC546I Datasheet HTML 9Page - Texas Instruments TLC546I Datasheet HTML 10Page - Texas Instruments TLC546I Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLC545C, TLC545I, TLC546C, TLC546I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 19 INPUTS
SLAS066B – DECEMBER 1985 – REVISED OCTOBER 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.75 V to 5.5 V, fclock(I/O) = 2.048 MHz for TLC545 or 1.1 MHz for TLC546,
fclock(SYS) = 4 MHz for TLC545 or 2.1 MHz for TLC546
PARAMETER
TEST CONDITIONS
TLC545
TLC546
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
EL
Linearity error
See Note 5
±0.5
±0.5
LSB
EZS
Zero-scale error
See Note 6
±0.5
±0.5
LSB
EFS
Full-scale error
See Note 6
±0.5
±0.5
LSB
Total unadjusted error
See Note 7
±0.5
±0.5
LSB
Self-test output code
INPUT A19 address = 10011
(see Note 8)
01111101
(125)
10000011
(131)
01111101
(125)
10000011
(131)
tconv
Conversion time
See Operating Sequence
9
17
µs
Total access and
conversion time
See Operating Sequence
13
25
µs
tacq
Channel acquisition time
(sample cycle)
See Operating Sequence
3
3
I/O
clock
cycles
tv
Time output data remains
valid after I/O CLOCK
10
10
ns
td
Delay time, I/O CLOCK to
DATA OUT valid
300
400
ns
ten
Output enable time
See Parameter
150
150
ns
tdis
Output disable time
See Parameter
Measurement Information
150
150
ns
tr(bus)
Data bus rise time
300
300
ns
tf(bus)
Data bus fall time
300
300
ns
NOTES:
5. Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
6. Zero-scale error is the difference between 00000000 and the converted output for zero input voltage; full-scale error is the difference
between 11111111 and the converted output for full-scale input voltage.
7. Total unadjusted error is the sum of linearity, zero-scale, and full-scale errors.
8. Both the input address and the output codes are expressed in positive logic. The INPUT A19 analog input signal is internally
generated and is used for test purposes.


Similar Part No. - TLC546I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC546I TI1-TLC546I Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC546IFN TI1-TLC546IFN Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC546IFNR TI1-TLC546IFNR Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC546IN TI1-TLC546IN Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results

Similar Description - TLC546I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545C TI1-TLC545C_13 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com