Electronic Components Datasheet Search |
|
AQ1500MU2TSQCF Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters |
|
AQ1500MU2TSQCF Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters |
8 / 11 page AC Input: DC Output: Power: Grade: 85-264 VRMS 12/24/36/48V Semi-reg. 500 W Series Medical Technical Specification Product # AQ0500MUxT Series Phone 1-888-567-9596 www.synqor.com Doc.# 005-005049 Rev. 2 09/04/08 Page 8 PRELIMINARY REMOTE_ENABLE 10k 10 Ohms To Enable Circuitry VOUT(-) 0.1 µF 5 k 5V_STANDBY 5V_STANDBY Figure C: Remote enable interface circuitry. Figure A: Fan status output / Fan enable input interface circuitry. 2N3904 10 Ohms 5 k AC_POWER_GOOD or DC_POWER_GOOD 0.1 µF From AC/DC Monitor Circuitry VOUT(-) 1N4148 5V_STANDBY Figure B: Power good interface circuitry. CONNECTOR DETAILS OUTPUT CONNECTOR PINOUT (top side) Pin 1 FAN_GOOD Open collector with internal 5V pullup. See Figure A. Pulsed low on fan failure, 100ms, 50% duty. Short to VOUT(-) to disable fan. Pin 2 AC_POWER_GOOD Open collector with internal 5V pullup. See Figure B. Pulled low on AC power dropout. Pin 3 DC_POWER_GOOD Open collector with internal 5V pullup. See Figure B. Pulled low during startup ramp and within 5 ºC of temperature shutdown threshold. Pin 4 5V_STANDBY 5 V @ 10 W available whenever AC power is applied. Pin 5 VOUT(+) Positive Output Voltage. Pin 6 VOUT(+) Positive Output Voltage. Pin 7 VOUT(+) Positive Output Voltage. Pin 8 VOUT(+) Positive Output Voltage. Pin 9 Reserved Reserved for future use. Pin 10 Reserved Reserved for future use. Pin 11 REMOTE_ENABLE Logic input. See Figure C. Pull high to enable main output. Pin 12 12V_STANDBY 12 V @ 50 W available whenever AC power is applied. Pin 13 VOUT(–) Negative Output Voltage. Pin 14 VOUT(–) Negative Output Voltage. Pin 15 VOUT(–) Negative Output Voltage. Pin 16 VOUT(–) Negative Output Voltage. 12 V OUTPUT CONNECTOR PINOUT (bottom side) Pin 1 VOUT(+) Positive Output Voltage. Pin 2 VOUT(+) Positive Output Voltage. Pin 3 VOUT(+) Positive Output Voltage. Pin 4 VOUT(+) Positive Output Voltage. Pin 5 VOUT(–) Negative Output Voltage. Pin 6 VOUT(–) Negative Output Voltage. Pin 7 VOUT(–) Negative Output Voltage. Pin 8 VOUT(–) Negative Output Voltage INDIVIDUAL INPUT CONNECTOR PINOUT Pin 1 Ground Pin 3 AC Neutral Pin 5 AC Line MATING CONNECTORS Connector Type Contact OUTPUT (16 pins) Molex 430251600 Molex 430300008* 12V_OUTPUT (8 pins) Molex 436450800 Molex 430300008* INPUT JST VHR-5N JST SVH-41T-P1.1 * Each contact rated for a maximum of 5.5 A. |
Similar Part No. - AQ1500MU2TSQCF |
|
Similar Description - AQ1500MU2TSQCF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |