Electronic Components Datasheet Search |
|
AQ0400MU24TACFD Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters |
|
AQ0400MU24TACFD Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters |
4 / 13 page AC Input: DC Output: Power: Grade: 85-264 VRMS 12/24/36/48V Semi-reg. 400 W Series Medical Technical Specification Product # AQ0400MUxx Series Phone 1-888-567-9596 www.synqor.com Doc.# 005-005045 Rev. A 09/08/08 Page 4 EFFICIENCY, DERATING, AND VOUT DROOP CURVES 42 44 46 48 50 52 54 0 1 2 3 4 5 6 7 8 9 Output Load (A) Figure 8: 48 VOUT droop characteristic. 0 100 200 300 400 500 0 10 20 30 40 50 60 70 80 Ambient Temperature (ºC) 24 / 36 / 48 V with Fan Enabled 12 V with Fan Enabled 24 / 36 / 48 V with Fan Disabled 12 V with Fan Disabled 85 132 170 264 0 100 200 300 400 500 600 Input AC Voltage (VRMS) Transient Continuous Figure 9: Continuous power derating curve in natural convection. Figure 7: 48 VOUT efficiency curves. 65 70 75 80 85 90 95 100 0 100 200 300 400 500 Output Power (W) 115 Vrms 230 Vrms Figure 10: Rated output power vs Input AC Voltage. AC Leakage Current from Input to Earth AC Line Connection Normal Condition Open Neutral Fault AC Leakage Current from Output to Earth Model Normal Condition Open Earth Fault AC Backdrive Fault ACuQor Typical at 110% nominal input voltage 60 Hz 240 V L-N, 1 phase 125 µA 250 µA ACuQor Typical at 264 Vac 60 Hz input AQ . . BF . . 2 µA 36 µA 125 µA 208 V L-L, 120 V L-N, 1 of 3 phases 65 µA 130 µA AQ . . CF . . 2 µA 6 µA 18 µA 240 V L-N-L, 120 V L-N, split phase 65 µA 130 µA For convenience, the following tables show limits allowed by various standards: AC Leakage Current from Input to Earth Standard Normal Condition Open Neutral Fault AC Leakage Current from Output to Earth Contact Type Normal Condition Open Earth Fault AC Backdrive Fault Maximum Allowed per Standard IEC60601-1 500 µA 1000 µA Maximum Allowed per IEC60601-1 BF 100 µA 500 µA 5000 µA NFPA 99 2005 300 µA — CF 10 µA 50 µA 50 µA IEC60950 3500 µA — Leakage Currents |
Similar Part No. - AQ0400MU24TACFD |
|
Similar Description - AQ0400MU24TACFD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |