Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2202 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2202
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2202 Datasheet(HTML) 2 Page - Texas Instruments

  TLC2202 Datasheet HTML 1Page - Texas Instruments TLC2202 Datasheet HTML 2Page - Texas Instruments TLC2202 Datasheet HTML 3Page - Texas Instruments TLC2202 Datasheet HTML 4Page - Texas Instruments TLC2202 Datasheet HTML 5Page - Texas Instruments TLC2202 Datasheet HTML 6Page - Texas Instruments TLC2202 Datasheet HTML 7Page - Texas Instruments TLC2202 Datasheet HTML 8Page - Texas Instruments TLC2202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2201 AVAILABLE OPTIONS
V max
V max
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
Vnmax
f = 10 Hz
AT 25
°C
Vnmax
f = 1 kHz
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP
FORM‡
(Y)
0
°C
200
µV
35 nV/
√Hz
15 nV/
√Hz TLC2201ACD
TLC2201ACP
0 C
to
200
µV
200
µV
35 nV/
√Hz
30 nV/
√Hz
15 nV/
√Hz
12 nV/
√Hz
TLC2201ACD
TLC2201BCD
TLC2201ACP
TLC2201BCP
TLC2201Y
70
°C
µ
500
µV
TLC2201CD
TLC2201CP
–40
°C
200
µV
35 nV/
√Hz
15 nV/
√Hz TLC2201AID
TLC2201AIP
40 C
to
200
µV
200
µV
35 nV/
√Hz
30 nV/
√Hz
15 nV/
√Hz
12 nV/
√Hz
TLC2201AID
TLC2201BID
TLC2201AIP
TLC2201BIP
85
°C
µ
500
µV
TLC2201ID
TLC2201IP
–55
°C
200
µV
35 nV/
√Hz
15 nV/
√Hz TLC2201AMD TLC2201AMFK
TLC2201AMJG
TLC2201AMP
to
µ
200
µV
35 nV/
√Hz
30 nV/
√Hz
15 nV/
√Hz
12 nV/
√Hz TLC2201BMD TLC2201BMFK
TLC2201BMJG
TLC2201BMP
125
°C
500
µV
TLC2201MD
TLC2201MFK
TLC2201MJG
TLC2201MP
† The D packages are available taped and reeled. Add R suffix to device type (e.g. TLC220xBCDR).
‡ Chip forms are tested at 25
°C only.
TLC2202 AVAILABLE OPTIONS
V max
V max
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
Vnmax
f = 10 Hz
AT 25
°C
Vnmax
f = 1 kHz
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP
FORM‡
(Y)
500
µV
30 nV/
√Hz
12 nV/
√Hz TLC2202BCD
TLC2202BCP
0
°C to 70°C
500
µV
500
µV
30 nV/
√Hz
35 nV/
√Hz
12 nV/
√Hz
15 nV/
√Hz
TLC2202BCD
TLC2202ACD
TLC2202BCP
TLC2202ACP
TLC2202Y
1 mV
TLC2202CD
TLC2202CP
500
µV
30 nV/
√Hz
12 nV/
√Hz TLC2202BID
TLC2202BIP
–40
°C to 85°C
500
µV
500
µV
30 nV/
√Hz
35 nV/
√Hz
12 nV/
√Hz
15 nV/
√Hz
TLC2202BID
TLC2202AID
TLC2202BIP
TLC2202AIP
1 mV
TLC2202ID
TLC2202IP
500
µV
30 nV/
√Hz
12 nV/
√Hz TLC2202BMD TLC2202BMFK TLC2202BMJG TLC2202BMP
–55
°C to 125°C
500
µV
500
µV
30 nV/
√Hz
35 nV/
√Hz
12 nV/
√Hz
15 nV/
√Hz
TLC2202BMD
TLC2202AMD
TLC2202BMFK
TLC2202AMFK
TLC2202BMJG
TLC2202AMJG
TLC2202BMP
TLC2202AMP
1 mV
TLC2202MD
TLC2202MFK
TLC2202MJG
TLC2202MP
† The D packages are available taped and reeled. Add R suffix to device type (e.g. TLC220xBCDR).
‡ Chip forms are tested at 25
°C only.


Similar Part No. - TLC2202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2202 TI1-TLC2202 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2202 TI1-TLC2202 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2202 TI-TLC2202 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2202A TI1-TLC2202A Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2202A TI1-TLC2202A Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_07 Datasheet
1,017Kb / 66P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com