Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3704CDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CDR
Description  QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3704CDR Datasheet(HTML) 5 Page - Texas Instruments

  TLC3704CDR Datasheet HTML 1Page - Texas Instruments TLC3704CDR Datasheet HTML 2Page - Texas Instruments TLC3704CDR Datasheet HTML 3Page - Texas Instruments TLC3704CDR Datasheet HTML 4Page - Texas Instruments TLC3704CDR Datasheet HTML 5Page - Texas Instruments TLC3704CDR Datasheet HTML 6Page - Texas Instruments TLC3704CDR Datasheet HTML 7Page - Texas Instruments TLC3704CDR Datasheet HTML 8Page - Texas Instruments TLC3704CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLC3704, TLC3704Q
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117B – NOVEMBER 1986 – REVISED JANUARY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
TLC3704M
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4
5
16
V
Common-mode input voltage, VIC
0
VDD – 1.5
V
High-level output current, IOH
– 20
mA
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
– 55
125
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V, VIC = 0 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA
TLC3704M
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VDD = 5 V to 10 V,
25
°C
1.2
5
mV
VIO
Input offset voltage
VIC = VICRmin,
See Note 3
– 55
°C to 125°C
10
mV
IIO
Input offset current
VIC =2 5V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
125
°C
15
nA
IIB
Input bias current
VIC =2 5V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
125
°C
30
nA
VICR
Common mode input voltage range
25
°C
0 to
VDD – 1
V
VICR
Common-mode input voltage range
– 55
°C to 125°C
0 to
VDD – 1.5
V
25
°C
84
CMRR
Common-mode rejection ratio
VIC = VICRmin
125
°C
83
dB
– 55
°C
82
25
°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
125
°C
85
dB
– 55
°C
82
VOH
High level output voltage
VID =1V
IOH = 4mA
25
°C
4.5
4.7
V
VOH
High-level output voltage
VID = 1 V,
IOH = – 4 mA
125
°C
4.2
V
VOL
Low level output voltage
VID = 1V
IOH =4mA
25
°C
210
300
mV
VOL
Low-level output voltage
VID = –1 V,
IOH = 4 mA
125
°C
500
mV
IDD
Supply current (all four comparators)
Outputs low
No load
25
°C
35
80
µA
IDD
Supply current (all four comparators)
Outputs low,
No load
– 55
°C to 125°C
175
µA
NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V.


Similar Part No. - TLC3704CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704CDR TI1-TLC3704CDR Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3704CDR TI1-TLC3704CDR Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704CDRG4 TI1-TLC3704CDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3704CDRG4 TI1-TLC3704CDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results

Similar Description - TLC3704CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC139 TI-TLC139 Datasheet
258Kb / 17P
[Old version datasheet]   LinCMOSE MICROPOWER QUAD COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS339 STMICROELECTRONICS-TS339_05 Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
   Micropower quad CMOS voltage comparators
February 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com