Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ0500MU36TACFD Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # AQ0500MU36TACFD
Description  Medical Grade AC/DC Power Supply With PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0500MU36TACFD Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button AQ0500MU36TACFD Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ0500MU36TACFD Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ0500MU36TACFD Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0500MU36TACFD Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0500MU36TACFD Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0500MU36TACFD Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ0500MU36TACFD Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ0500MU36TACFD Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ0500MU36TACFD Datasheet HTML 11Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
500 W Series
Medical
Technical Specification
Product # AQ0500MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005046 Rev. 1
09/04/08
Page 9
PRELIMINARY
INSTALLATION INSTRUCTIONS
General: ACuQor AC/DC power supplies are intended for use
as components in medical and industrial equipment. ACuQor
units must be properly installed within end use equipment before
they can be safely applied as described in this document. The
suitability of the ACuQor/equipment combination must be verified
through end product investigation.
Mounting: Refer to the Mechanical Drawings section. ACuQor
units are provided with threaded stainless-steel stand-offs or
inserts for mounting. This mounting hardware is internally con-
nected to the input connector protective-earth terminal for func-
tional-earth EMC control. Any orientation (vertical, horizontal,
etc.) may be used. Adequate air space should be provided over
the fan intake (top) and exhaust (sides) to allow for exchange of
cooling air. ACuQor is designed for a pollution degree 2 environ-
ment. The suitability of the enclosed ACuQor mechanical assem-
blies must be verified through end product investigation.
Encased models: A minimum of 5 mm electrical clearance
should be allowed from the connector ends of encased models.
Input: Refer to the Connector Details section for input connector
wiring. ACuQor products require a single phase AC power source
of 100-240V 50/60Hz nominal. Refer to nameplate label for input
current ratings. A protective-earth connection is also required.
Minimum wire size of 18 AWG (0.8mm2) is recommended. Both
sides of the AC line are internally fused (see table for specific
models). These fuses are not user replaceable
.
MODEL
Input Fuses (in Both AC Lines)
Fuses Total
AQ0300
Littelfuse6.3A250V21606.3XEP
2
AQ0400
Littelfuse6.3A250V21606.3XEP
2
AQ0500
Littelfuse10.0A250V216010XEP
2
Output: Refer to the Connector Details section for output con-
nector wiring and signal I/O functionality. Refer to nameplate
label for output current ratings. Main DC output (Vout+, Vout-)
pins should use 20 AWG (0.5mm2) wire size. Individual main
output pins should not be loaded to more than 5.5 A. For cur-
rents greater than 5.5 A, multiple main output pins/wires must be
used in parallel. All signal I/O pins are referenced to Vout-.
EMC: ACuQor products have been tested to the EMC specifica-
tions listed in the Electrical Characteristics section. However, end
use equipment must be tested to verify EMC compliance.
.
Hipot Testing: ACuQor products are rated for Hipot testing
levels of 1500 Vac input to protective-earth, 1500 Vac output to
protective-earth, and 4000 Vac input to output. When performing
the 4000 Vac input to output test, the test voltage must be bal-
anced evenly 2000 Vac input and output to protective-earth. Two
oppositely phased test voltage sources or a single test voltage
source with external balancing impedances (capacitors) may be
used to prevent overstressing input or output to protective-earth
insulation per IEC60601-1 2005 sub clause 8.8.1 and IEC60601-1
1990 sub clause 20.4g.
Patient Contact: ACuQor models include versions designed
for BF and CF patient contact application per IEC60601-1. These
ACuQor models provide reinforced insulation at the DC output
voltage level and basic insulation at the 240 Vac level from output
to protective-earth. Note that equipment and wiring may add to
system leakage currents so that the end product must be tested
for compliance. Refer to the Electrical Characteristics section for
typical ACuQor input and output leakage currents. In addition,
ACuQor defibrillation rated models comply with the minimum
output to protective-earth creepage/clearance requirement and
defibrillator pulse test of IEC60601-1.
Chassis configurations for Parallel Units
ACuQor units are available either open-frame or pre-mounted
at the factory. Up to 3 units can be mounted into a chassis, in
either side-by-side or stacked configurations. For a complete list of
options, see the “Part Numbering System” table on the last page,
under “Package Type”, along with the Mechanical Drawings pages.
Only side-by-side configurations can be populated with 500W units,
since each includes a thermal pad underneath.
Interconnection of Parallel Units
ACuQor units mounted in 2 and 3 unit chassis are not connected
together. This allows the physical routing and connectivity of the
external wiring to be customized to each application. The following
table summarizes the recommended wiring to operate multiple
units in parallel:
Specifications of Parallel Units
As a rule, units wired in parallel behave the same as single units.
Any specification will remain unchanged that is expressed in units
of voltage, time, frequency, or efficiency. Specifications expressed
in terms of power, current, or capacitance, should be scaled by the
number of units wired in parallel.
ACuQor units are individually calibrated at the factory, so that the
output voltage vs. output current characteristic is always consistent
(see Vout droop characteristic figures). As such, multiple units will
share output current accurately. Full current is guaranteed from a
bank of multiple units wired in parallel.
PARALLEL OPERATION - MULTIPLE UNITS
PART NUMBERING SYSTEM
The part numbering system for SynQor’s ACuQor AC/DC power supplies follows the format shown in the table below.
Notallcombinationsmakevalidpartnumbers,pleasecontactSynQorforavailability.
ACCESSORIES
SynQoroffersaseriesofassembliesthatcanbeorderedaccordingtothetablebelow.Mechanicaldrawingsfortheseaccessoriesare
availablefordownloadinpdfformatfromtheSynQorwebsite.
APPLICATION NOTES
AvarietyofapplicationnotesandtechnicalwhitepaperscanbedownloadedinpdfformatfromtheSynQorwebsite.
PATENTS
SynQorholdsthefollowingpatents,oneormoreofwhichmightapplytothisproduct:
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
Warranty:SynQoroffersatwo(2)yearlimitedwarranty.Completewarrantyinforma-
tionislistedonourwebsiteorisavailableuponrequestfromSynQor.
Limitation on use: SynQor’s products are not authorized for use and should not be
used,withoutthespecificpriorwrittenapprovalofanauthorizedofficerofSynQor
makingspecificreferencehereto,inanylifesupportsystem,nuclearfacilityorapplica-
tion,aircraftcontrolapplicationoranyotherapplicationinwhichfailureoftheproduct
couldreasonablyresultinharmtolife,propertyortheenvironment.
InformationfurnishedbySynQorisbelievedtobeaccurateandreliable.However,
noresponsibilityisassumedbySynQorforitsuse,norforanyinfringementsofpatents
orotherrightsofthirdpartieswhichmayresultfromitsuse.Nolicenseisgrantedby
implicationorotherwiseunderanypatentorpatentrightsofSynQor.
Contact SynQor for further information:
Phone:
978-849-0600
Toll Free: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155SwansonRoad
Boxborough,MA01719,USA
Family
Output Power
Grade
Range
Output Voltage
(xx=Standard; xT=Triple)
Package Type
(Correlates to Output Power)
Thermal
Design
Options
AQ
ACuQor series
of ac-dc semi-regulated
output power supplies
0300: 300 W
0400: 400 W
0500: 500 W
0600: 600 W (2 x 300 W)
0800: 800 W (2 x 400 W)
0900: 900 W (3 x 300 W)
1000: 1000 W (2 x 500 W)
1200: 1200 W (3 x 400 W)
1500: 1500 W (3 x 500 W)
M: medical
U: universal
(85-264 VRMS)
12: 12 V
1T: 12 V / 5 & 12 V STBY
24: 24 V
2T: 24 V / 5 & 12 V STBY
36: 36 V
3T: 36 V / 5 & 12 V STBY
48: 48 V
4T: 48 V / 5 & 12 V STBY
E: 1 unit (3" x 5")
R
: 2 units; flat
S: 2 units; stacked
T
: 3 units; flat
U: 3 units; stacked
A: open frame
C: encased
Q: encased only
Medical Grade:
BF: BF isolation rating
CF: CF isolation rating
CFD: CF isolation rating
defibrillator proof
Part Number
Description
AQ-CBL-INPUT1C
Input mating cable with pre-stripped wire ends (36" long).
AQ-CBL-OUT1C
Output mating cable with pre-stripped wire ends (18" long).
AQ-CBL-OUT1CD
Same as AQ-CBL-OUT1C with an additional 8-pin connector.
AQ-CBL-OUT2C
Output mating cable with connectors on both ends (18" long).
AQ-CBL-OUT2CD
Same as AQ-CBL-OUT2C with an additional 8-pin connector.
AQ-INSUL1M
Single module bottom-side Mylar insulator for open frame mounting.
AQ-EVAL-PRL3
Evaluation board for up to three paralleled modules.
Output Connector Signal
Suggested Connection
Behavior with Multiple Units
REMOTE_ENABLE
Wire in parallel
Inputs activated simultaneously
FAN_GOOD
Wired-OR outputs – can be pulled low by any unit during an abnormal condition.
AC_POWER_GOOD
DC_POWER_GOOD
VOUT(+), VOUT(-)
Built-in droop characteristic ensures graceful current sharing.
12V_STANDBY*
5V_STANDBY
Do not wire in parallel
Fully regulated characteristic does not support current sharing. If placed in
parallel, only the output with the highest set-point will drive current.
*Note: Triple output models only.


Similar Part No. - AQ0500MU36TACFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ0500MU36TACFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
logo
ULTRA LEVEL TECH CO., L...
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com