Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC545CN Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC545CN
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC545CN Datasheet(HTML) 5 Page - Texas Instruments

  TLC545CN Datasheet HTML 1Page - Texas Instruments TLC545CN Datasheet HTML 2Page - Texas Instruments TLC545CN Datasheet HTML 3Page - Texas Instruments TLC545CN Datasheet HTML 4Page - Texas Instruments TLC545CN Datasheet HTML 5Page - Texas Instruments TLC545CN Datasheet HTML 6Page - Texas Instruments TLC545CN Datasheet HTML 7Page - Texas Instruments TLC545CN Datasheet HTML 8Page - Texas Instruments TLC545CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLC545C, TLC545I, TLC546C, TLC546I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 19 INPUTS
SLAS066B – DECEMBER 1985 – REVISED OCTOBER 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
TLC545
TLC546
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.5
4.75
5
5.5
V
Positive reference voltage, Vref+ (see Note 2)
0
VCC VCC +0.1
0
VCC VCC +0.1
V
Negative reference voltage, Vref– (see Note 3)
– 0.1
0
VCC
– 0.1
0
VCC
V
Differential reference voltage, Vref+ – Vref– (see Note 3)
0
VCC VCC +0.2
0
VCC VCC +0.2
V
Analog input voltage (see Note 3)
0
VCC
0
VCC
V
High-level control input voltage, VIH
2
2
V
Low-level control input voltage, VIL
0.8
0.8
V
Setup time, address bits at data input before I/O CLOCK
↑,
tsu(A)
200
400
ns
Address hold time, th
0
0
ns
Setup time, CS low before clocking in first address bit, tsu(CS)
(see Note 2)
3
3
System
clock
cycles
I/O CLOCK frequency, fclock(I/O)
0
2.048
0
1.1
MHz
SYSTEM CLOCK frequency, fclock(SYS)
fclock(I/O)
4
fclock(I/O)
2.1
MHz
Pulse duration, CS high during conversion, twH(CS)
36
36
System
clock
cycles
Pulse duration, SYSTEM CLOCK high, twH(SYS)
110
210
ns
Pulse duration, SYSTEM CLOCK low, twL(SYS)
100
190
ns
Pulse duration, I/O CLOCK high, twH(I/O)
200
404
ns
Pulse duration, I/O CLOCK low, twL(I/O)
200
404
ns
System
fclock(SYS) ≤ 1048 kHz
30
30
ns
Clock transition time
System
fclock(SYS) > 1048 kHz
20
20
ns
(see Note 4)
I/O
fclock(I/O) ≤ 525 kHz
100
100
ns
I/O
fclock(I/O) > 525 kHz
40
40
ns
Operating free air temperature TA
TLC545C, TLC546C
0
70
0
70
Operating free-air temperature, TA
TLC545I, TLC546I
–40
85
–40
85
°C
NOTES:
2. To minimize errors caused by noise at CS, the internal circuitry waits for three system clock cycles (or less) after a chip select falling
edge or rising edge is detected before responding to control input signals. Therefore, no attempt should be made to clock-in address
data until the minimum chip select setup time has elapsed.
3. Analog input voltages greater than that applied to REF+ convert as all “1”s (11111111), while input voltages less than that applied
to REF– convert as all “0”s (00000000). As the differential reference voltage decreases below 4.75 V, the total unadjusted error tends
to increase.
4. This is the time required for the clock input signal to fall from VIH min to VIL max or to rise from VIL max to VIH min. In the vicinity
of normal room temperature, the devices function with input clock transition time as slow as 2
µs for remote data acquisition
applications where the sensor and the A/D converter are placed several feet away from the controlling microprocessor.


Similar Part No. - TLC545CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545CN TI1-TLC545CN Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545CNG4 TI1-TLC545CNG4 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results

Similar Description - TLC545CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545C TI1-TLC545C_13 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com