Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC545CN Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC545CN
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC545CN Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC545CN Datasheet HTML 4Page - Texas Instruments TLC545CN Datasheet HTML 5Page - Texas Instruments TLC545CN Datasheet HTML 6Page - Texas Instruments TLC545CN Datasheet HTML 7Page - Texas Instruments TLC545CN Datasheet HTML 8Page - Texas Instruments TLC545CN Datasheet HTML 9Page - Texas Instruments TLC545CN Datasheet HTML 10Page - Texas Instruments TLC545CN Datasheet HTML 11Page - Texas Instruments TLC545CN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLC545C, TLC545I, TLC546C, TLC546I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 19 INPUTS
SLAS066B – DECEMBER 1985 – REVISED OCTOBER 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
See Note B
0.4 V
2.4 V
tf
Output
tr
0.8 V
2.4 V
0.8 V
td
DATA OUT
VOLTAGE WAVEFORMS FOR RISE AND FALL TIMES
VOLTAGE WAVEFORMS FOR DELAY TIME
VCC
3 k
3 k
VCC
See Note B
SYSTEM
CLOCK
50%
50%
0 V
0 V
tPLZ
I/O CLOCK
VOLTAGE WAVEFORMS FOR ENABLE AND DISABLE TIMES
Output Waveform 1
(see Note C)
tPHZ
tPZH
VOH
90%
10%
tPZL
0 V
VCC
50%
CS
LOAD CIRCUIT FOR
tPZL AND tPLZ
LOAD CIRCUIT FOR
tPZH AND tPHZ
LOAD CIRCUIT FOR
td, tr, AND tf
See Note B
CL
(see Note A)
Output
Under Test
Test
Point
3 k
1.4 V
Output Waveform 2
(see Note C)
CL
(see Note A)
Output
Under Test
Test
Point
CL
(see Note A)
Output
Under Test
Test
Point
NOTES: A.
CL = 50 pF for TLC545 and 100 pF for TLC546
B. ten = tPZH or tPZL, tdis = tPHZ or tPLZ
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.


Similar Part No. - TLC545CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545CN TI1-TLC545CN Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545CNG4 TI1-TLC545CNG4 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results

Similar Description - TLC545CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545C TI1-TLC545C_13 Datasheet
197Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com