Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ0300MU4TSQCFD Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # AQ0300MU4TSQCFD
Description  Medical Grade AC/DC Power Supply With PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0300MU4TSQCFD Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  AQ0300MU4TSQCFD Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ0300MU4TSQCFD Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ0300MU4TSQCFD Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ0300MU4TSQCFD Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ0300MU4TSQCFD Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0300MU4TSQCFD Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0300MU4TSQCFD Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0300MU4TSQCFD Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ0300MU4TSQCFD Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
300 W Series
Medical
Technical Specification
Product # AQ0300MUxT Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005047 Rev. A
09/09/08
Page 4
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
42
44
46
48
50
52
54
0
1
2
3
4
5
6
7
Output Load (A)
Figure 8: 48 VOUT droop characteristic.
0
100
200
300
400
0
10
20
30
40
50
60
70
80
Ambient Temperature (ºC)
Fan Enabled
Fan Disabled
85
132
170
264
0
100
200
300
400
500
Input AC Voltage (VRMS)
Transient
Continuous
Figure 9: Continuous power derating curve in natural convection.
Figure 7: 48 VOUT efficiency curves.
65
70
75
80
85
90
95
100
0
100
200
300
400
Output Power (W)
115 Vrms
230 Vrms
Figure 10: Rated output power vs Input AC Voltage.
AC Leakage Current
from Input to Earth
AC Line Connection
Normal
Condition
Open Neutral
Fault
AC Leakage Current
from Output to Earth
Model
Normal
Condition
Open Earth
Fault
AC Backdrive
Fault
ACuQor Typical at
110% nominal input
voltage 60 Hz
240 V L-N, 1 phase
125 µA
250 µA
ACuQor Typical at
264 Vac 60 Hz input
AQ . . BF . .
2 µA
36 µA
125 µA
208 V L-L, 120 V L-N, 1 of 3 phases
65 µA
130 µA
AQ . . CF . .
2 µA
6 µA
18 µA
240 V L-N-L, 120 V L-N, split phase
65 µA
130 µA
For convenience, the following tables show limits allowed by various standards:
AC Leakage Current
from Input to Earth
Standard
Normal
Condition
Open Neutral
Fault
AC Leakage Current
from Output to Earth Contact Type
Normal
Condition
Open Earth
Fault
AC Backdrive
Fault
Maximum Allowed
per Standard
IEC60601-1
500 µA
1000 µA
Maximum Allowed per
IEC60601-1
BF
100 µA
500 µA
5000 µA
NFPA 99 2005
300 µA
CF
10 µA
50 µA
50 µA
IEC60950
3500 µA
Leakage Currents


Similar Part No. - AQ0300MU4TSQCFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU48EABF SYNQOR-AQ0300MU48EABF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU48EACF SYNQOR-AQ0300MU48EACF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU48EACFD SYNQOR-AQ0300MU48EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU48ECBF SYNQOR-AQ0300MU48ECBF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU48ECCF SYNQOR-AQ0300MU48ECCF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
More results

Similar Description - AQ0300MU4TSQCFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
logo
ULTRA LEVEL TECH CO., L...
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com