Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFL-28-12D Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MQFL-28-12D
Description  HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28-12D Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MQFL-28-12D Datasheet HTML 5Page - SynQor Worldwide Headquarters MQFL-28-12D Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-28-12D Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28-12D Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28-12D Datasheet HTML 9Page - SynQor Worldwide Headquarters MQFL-28-12D Datasheet HTML 10Page - SynQor Worldwide Headquarters MQFL-28-12D Datasheet HTML 11Page - SynQor Worldwide Headquarters MQFL-28-12D Datasheet HTML 12Page - SynQor Worldwide Headquarters MQFL-28-12D Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Product # MQFL-28-12D
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2MQ120D Rev. A
10/23/07
Page 9
T
T
T
Te
e
e
ec
c
c
ch
h
h
hn
n
n
niiiic
c
c
ca
a
a
allll S
S
S
Sp
p
p
pe
e
e
ec
c
c
ciiiiffffiiiic
c
c
ca
a
a
attttiiiio
o
o
on
n
n
n
Output:
Output:
Current:
Current:
±
±12 V
12 V
10 A Total
10 A Total
MQFL-28-12D
MQFL-28-12D
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
16Vin
28Vin
40Vin
Figure 25: Magnitude of incremental output impedance (+Zout = +vout /+iout)
for minimum, nominal, and maximum input voltage at full rated power.
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
16Vin
28Vin
40Vin
Figure 26: Magnitude of incremental output impedance (-Zout = -vout /-iout) for
minimum, nominal, and maximum input voltage at full rated power.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
16Vin
28Vin
40Vin
Figure 27: Magnitude of incremental forward transmission (+FT = +vout /vin)
for minimum, nominal, and maximum input voltage at full rated power.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
16Vin
28Vin
40Vin
Figure 28: Magnitude of incremental forward transmission (-FT = -vout /vin)
for minimum, nominal, and maximum input voltage at full rated power.
-50
-40
-30
-20
-10
0
10
20
30
10
100
1,000
10,000
100,000
Hz
16Vin
28Vin
40Vin
Figure 29: Magnitude of incremental reverse transmission (+RT = iin /+iout)
for minimum, nominal, and maximum input voltage at full rated power.
-50
-40
-30
-20
-10
0
10
20
30
10
100
1,000
10,000
100,000
Hz
16Vin
28Vin
40Vin
Figure 30: Magnitude of incremental reverse transmission (-RT = iin /-iout) for
minimum, nominal, and maximum input voltage at full rated power.


Similar Part No. - MQFL-28-12D

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results

Similar Description - MQFL-28-12D

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15D SYNQOR-MQFL-28-15D Datasheet
717Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-28S SYNQOR-MQFL-28-28S Datasheet
643Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-3R3S SYNQOR-MQFL-28-3R3S Datasheet
671Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-7R5S SYNQOR-MQFL-28-7R5S Datasheet
651Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-09S SYNQOR-MQFL-28-09S Datasheet
655Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15S SYNQOR-MQFL-28-15S Datasheet
642Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com