Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4663 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN4663
Description  High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4663 Datasheet(HTML) 5 Page - Analog Devices

  ADN4663 Datasheet HTML 1Page - Analog Devices ADN4663 Datasheet HTML 2Page - Analog Devices ADN4663 Datasheet HTML 3Page - Analog Devices ADN4663 Datasheet HTML 4Page - Analog Devices ADN4663 Datasheet HTML 5Page - Analog Devices ADN4663 Datasheet HTML 6Page - Analog Devices ADN4663 Datasheet HTML 7Page - Analog Devices ADN4663 Datasheet HTML 8Page - Analog Devices ADN4663 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADN4663
Rev. 0 | Page 5 of 12
Test Circuits and Timing Diagrams
VCC
DOUTx+
DOUTx–
DINx
VOS
VOD
RL/2
RL/2
VCC
V
V
Figure 2. Test Circuit for Driver VOD and VOS
VCC
DOUTx+
DOUTx–
DINx
50Ω
CL INCLUDES LOAD AND TEST JIG CAPACITANCE.
SIGNAL
GENERATOR
CL
CL
RL
Figure 3. Test Circuit for Driver Propagation Delay, Transition Time, and Maximum Operating Frequency
20%
80%
0V
20%
0V
80%
1.5V
3V
1.5V
tPLHD
DINx
DOUTx–
DOUTx+
VDIFF
0V (DIFFERENTIAL)
0V
tPHLD
tTHL
tTHL
0V
VOH
VOL
VDIFF = DOUT+ – DOUT–
VOD
Figure 4. Driver Propagation Delay and Transition Time Waveforms


Similar Part No. - ADN4663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4663 AD-ADN4663 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4663 AD-ADN4663 Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
More results

Similar Description - ADN4663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com