Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5540IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5540IPW
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5540IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5540IPW Datasheet HTML 3Page - Texas Instruments TLC5540IPW Datasheet HTML 4Page - Texas Instruments TLC5540IPW Datasheet HTML 5Page - Texas Instruments TLC5540IPW Datasheet HTML 6Page - Texas Instruments TLC5540IPW Datasheet HTML 7Page - Texas Instruments TLC5540IPW Datasheet HTML 8Page - Texas Instruments TLC5540IPW Datasheet HTML 9Page - Texas Instruments TLC5540IPW Datasheet HTML 10Page - Texas Instruments TLC5540IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
N
N+ 1
N+ 2
N+ 3
N+ 4
N−3
N −2
N−1
N
N+ 1
tpd
CLK (Clock)
ANALOG IN
(Input Signal)
D1 −D8
(Output Data)
tw(H)
tw(L)
Figure 1. I/O Timing Diagram
tPZH
OE
Data Output
tPHZ
Active
Active
Hi-Z
Reference Level
(2.5 V)
VOH (4.5 V typical)
VOL (0.4 V typical)
tPZL
tPLZ
Figure 2. I/O Timing Diagram


Similar Part No. - TLC5540IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5540IPW TI1-TLC5540IPW Datasheet
879Kb / 24P
[Old version datasheet]   8-Bit Resolution Differential Linearity Error Integral Linearity Error
TLC5540IPWG4 TI1-TLC5540IPWG4 Datasheet
879Kb / 24P
[Old version datasheet]   8-Bit Resolution Differential Linearity Error Integral Linearity Error
TLC5540IPWR TI1-TLC5540IPWR Datasheet
879Kb / 24P
[Old version datasheet]   8-Bit Resolution Differential Linearity Error Integral Linearity Error
TLC5540IPWRG4 TI1-TLC5540IPWRG4 Datasheet
879Kb / 24P
[Old version datasheet]   8-Bit Resolution Differential Linearity Error Integral Linearity Error
More results

Similar Description - TLC5540IPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com