Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPBFELXTBOSH Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRPBFELXTBOSH
Description  Single Fiber Bi-Directional Fast Ethernet SFP Single Mode Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPBFELXTBOSH Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRPBFELXTBOSH Datasheet HTML 1Page - OPLINK Communications Inc. TRPBFELXTBOSH Datasheet HTML 2Page - OPLINK Communications Inc. TRPBFELXTBOSH Datasheet HTML 3Page - OPLINK Communications Inc. TRPBFELXTBOSH Datasheet HTML 4Page - OPLINK Communications Inc. TRPBFELXTBOSH Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
21737-0911, Rev. B
06-23-2005
Transmitter Electrical Interface (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Receiver Electrical Interface (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Electrical Power Supply Characteristics (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
TRPBFELX
Module Definition
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-)1
VPP-DIF
0.25
-
2.4
V
Input HIGH Voltage (TX Disable)2
VIH
2.0
-
VCC
V
Input LOW Voltage (TX Disable)2
VIL
0-
0.8
V
Output HIGH Voltage (TX Fault)3
VOH
2.0
-
VCC + 0.3
V
Output LOW Voltage (TX Fault)3
VOL
0-
0.8
V
1Differential peak-to-peak voltage.
2There is an internal 4.7 to 10kΩ pull-up resistor to VccT.
3Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-)1
VPP-DIF
0.6
-
2.0
V
Output HIGH Voltage (LOS)
2
VOH
2.0
-
VCC + 0.3
V
Output LOW Voltage (LOS)
2
VOL
0-
0.5
V
1Differential peak-to-peak voltage across external 100Ω load.
2Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
Vcc
3.13
3.3
3.47
V
Supply Current
Icc
-
175
245
mA
MOD_DEF(0)
pin 6
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 4
Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
TX GND
RX GND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX GND
RX GND
RD- (RX DATA OUT-)
RD+ (RX DATA OUT+)
RX GND
VccRX
TX GND
TD+ (TX DATA IN+)
VccTX
TD- (TX DATA IN-)
TX GND
20
19
18
17
16
15
14
13
12
11
Top of Board
Bottom of Board
(as viewed thru top of board)
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1


Similar Part No. - TRPBFELXTBOSH

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TRP16130P MORNSUN-TRP16130P Datasheet
232Kb / 4P
   Isolated Module
logo
OPLINK Communications I...
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRP1G10V1D00000G OPLINK-TRP1G10V1D00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRP1G10V1I00000G OPLINK-TRP1G10V1I00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
More results

Similar Description - TRPBFELXTBOSH

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRB2G1CB1C00000 OPLINK-TRB2G1CB1C00000 Datasheet
535Kb / 5P
   Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
OPLINK Communications I...
TRPAFESM OPLINK-TRPAFESM Datasheet
493Kb / 5P
   Fast Ethernet SFP Single Mode Transceivers with Digital Diagnostics
logo
MRV Communications, Inc...
SFP-GD-BZ45 MRV-SFP-GD-BZ45 Datasheet
89Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-EBZ45 MRV-SFP-GD-EBZ45 Datasheet
89Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com