Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPE12AI1C000E2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPE12AI1C000E2
Description  Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE12AI1C000E2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPE12AI1C000E2 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE12AI1C000E2 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE12AI1C000E2 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE12AI1C000E2 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE12AI1C000E2 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
st
- 40
+ 85
°C
Operating Case Temperature 1
“COM”
T
op
- 5
+ 70
°C
“IND”
- 40
+ 85
Supply Voltage
V
cc
0
+ 5.0
V
Input Voltage
V
in
0
+ 5.0
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
A bsolute Maximum R atings
Multi-rate OC-12/STM-4 SFP
Transceivers with Digital Diagnostics
TRPE12-E2 SM MULTI-RATE
The TRPE12-E2 SM SFP series of multi-rate fiber optic transceivers w ith
integrated digital diagnostics monitoring functionality provide a quick
and reliable interface for OC-12 short reach (SR),intermediate reach (IR)
and long reach (LR) applications. The diagnostic functions,alarm and
w arning features as described in the Multi-Source Agreement (MSA)
document,SFF-8472 (Rev. 9.4),are provided via an I2C serial interface.
Available products under this series are compliant w ith SONET/SDH
standards for OC-12/STM-4 applications and are capable of operating
dow n to 155Mb/s data rate. The SR-1 and IR-1 versions are compliant
w ith OC-12/STM-4 and OC-3/STM-1 interface standards. All modules
satisfy Class I Laser Safety requirements in accordance w ith the U.S. and
international standards as described in the FDA/CDRH and IEC-60825
documents,respectively.
The TRPE12-E2 SM multi-rate transceivers connect to standard 20-pad
SFP connectors for hot plug capability. This allow s the system designer
to make configuration changes or maintenance by simply plugging in
different types of transceivers w ithout shutting dow n the pow er supply
of the host system.
The transceivers have colored bail-type latch,w hich offer an easy and
convenient w ay to release the modules. The latch is compliant w ith the
SFP MSA.
The transmitter design incorporates a highly reliable 1310nm or 1550nm
InG aAsP laser and an integrated driver circuit. The receiver features a
transimpedance amplifier IC optimized for high sensitivity and w ide
dynamic range. The transmitter and receiver DATA interfaces are AC-
coupled internally. LVTTL Transmitter Disable control input and Loss of
Signal output interfaces are also provided.
The transceivers operate from a single +3.3V pow er supply over tw o
operating case temperature ranges of -5°C to +70°C (COM)or -40°C to
+85°C (IND). The housing is made of metal for EMI immunity.
Pro d u c t D e s c rip tio n
þ
Compliant w ith SONET/SDH OC-12/STM-4
(622Mb/s)
þ
Compatible w ith SONET/SDH OC-3/STM-1
(155Mb/s)
þ
Compatible w ith SFP MSA
þ
SONET/SDH Reaches (SR-1,IR-1,LR-1 & LR-2)
þ
Digital Diagnostics through Serial Interface
þ
Internal Calibration for Digital Diagnostics
þ
Eye Safe (Class I Laser Safety)
þ
Duplex LC Optical Interface
þ
-40°C to +85°C Operating Temperature Option
þ
Excellent EMI & ESD Protection
þ
H ot-pluggable
þ
TX Fault & Loss of Signal Outputs
þ
TX Disable Input
þ
Single +3.3V Pow er Supply
F e a tu re s
An Oplink Company
21737-0970,Rev.A
2008-11-11


Similar Part No. - TRPE12AI1C000E2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03AI1I000E1 OPLINK-TRPE03AI1I000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPE12AI1C000E2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPA12MSM OPLINK-TRPA12MSM Datasheet
512Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12M OPLINK-TRXA12M Datasheet
464Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12MM OPLINK-TRXA12MM Datasheet
425Kb / 5P
   Multi-rate OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPE48CS1C000E2 OPLINK-TRPE48CS1C000E2 Datasheet
643Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA12MM OPLINK-TRPA12MM Datasheet
495Kb / 5P
   OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
TRPA12MCWDM OPLINK-TRPA12MCWDM Datasheet
480Kb / 5P
   Multi-rate OC-12/STM-4 SFP CWDM Single Mode Transceivers withDigital Diagnostics
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com