Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPE03AI1I000E1 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRPE03AI1I000E1
Description  Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE03AI1I000E1 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRPE03AI1I000E1 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE03AI1I000E1 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE03AI1I000E1 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE03AI1I000E1 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE03AI1I000E1 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oplink Communications, Inc.
21737-0969,Rev.A
2008-11-11
Example ofSFP host board schematic
TR PE 0 3-E 1 Single Mode
A pplication N otes
Electrical Interface: All signal interfaces are compliant w ith
the SFP MSA specification. The high speed DATA interface is
differential AC-coupled internally w ith 1 F and can be directly
connected to a 3.3V SERDES IC. All low speed control and sense
output signals are open collector TTL compatible and should
be pulled up w ith a 4.7 - 10k resistor on the host board.
Loss of Signal (LOS): The Loss of Signal circuit monitors the
level of the incoming optical signal and generates a logic H IG H
w hen an insufficient photocurrent is produced.
TX Fault: The output indicates LOW w hen the transmitter
is operating normally,and H IG H w ith a laser fault including
laser end-of-life. TX Fault is an open collector/drain output
and should be pulled up w ith a 4.7 - 10k resistor on the host
board. TX Fault is non-latching (automatically deasserts w hen
fault goes aw ay).
TX Disable: W hen the TX Disable pin is at logic H IG H ,the
transmitter optical output is disabled (less than -45dBm).
Serial Identification and Monitoring:The module definition
of SFP is indicated by the three module definition pins,
MOD_DEF(0),MOD_DEF(1)and MOD_DEF(2). U pon pow er up,
MOD_DEF(1:2)appear as NC (no connection),and MOD_DEF(0)
is TTL LOW . W hen the host system detects this condition,
it activates the serial protocol (standard tw o-w ire I2C serial
interface) and generates the serial clock signal (SCL). The
positive edge clocks data into the EEPROM segments of the
SFP that are not w rite protected,and the negative edge clocks
data from the SFP.
The serial data signal (SDA) is for serial data transfer. The
host uses SDA in conjunction w ith SCL to mark the start and
end of serial protocol activation. The supported monitoring
functions are temperature,voltage,bias current,transmitter
pow er,average receiver signal,all alarms and w arnings,and
softw are monitoring of TX Fault/LOS. The device is internally
calibrated.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP MSA,
and SFF-8472,Rev. 9.4.
Power Supply and Grounding:The pow er supply line should
be w ell-filtered. All 0.1 F pow er supply bypass capacitors
should be as close to the transceiver module as possible.
4
R:4.7 to 10k
CAP Values in
µF
TRPE03-E1
18
19
3
TX DATA IN+
15
1 H coi
lorf
erri
t
ebead
m
(<0.
2
seri
esresi
st
ance)
W
0.
1
TX DATA IN-
TX Di
sabl
e
16
0.
1
+
10
50 l
i
ne
W
1,9,
10,
11,
14,
17,
20
0.
1
+
10
to 50
load
W
Vcc
3.
3V
RX DATA OUT+
13
12
RX DATA OUT-
5
4
6
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50
load
W
8
R
2
TX Faul
t
R
R
R
Vcc
3.
3V
50 l
i
ne
W
50 l
i
ne
W
50 l
i
ne
W
R


Similar Part No. - TRPE03AI1I000E1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1I000E1 OPLINK-TRPE03AI1I000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPE03AI1I000E1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com