Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPAG1ZXIABM3 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRPAG1ZXIABM3
Description  Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPAG1ZXIABM3 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRPAG1ZXIABM3 Datasheet HTML 1Page - OPLINK Communications Inc. TRPAG1ZXIABM3 Datasheet HTML 2Page - OPLINK Communications Inc. TRPAG1ZXIABM3 Datasheet HTML 3Page - OPLINK Communications Inc. TRPAG1ZXIABM3 Datasheet HTML 4Page - OPLINK Communications Inc. TRPAG1ZXIABM3 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
18
19
3
TX DATA IN+
15
1µH coil or ferrite bead
(<0.2Ω series resistance)
0.1
TX DATA IN-
TX Disable
16
0.1
+10
50Ω line
50Ω line
50Ω line
50Ω line
1, 9, 10, 11, 14, 17, 20
0.1
+ 10
(Internally Grounded)
to 50Ω load
Vcc
3.3V
RX DATA OUT+
13
12
RX DATA OUT-
5
4
6
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50Ω load
8
R
2
TX Fault
RR
R
Vcc
3.3V
Oplink Communications, Inc.
RevB-P. 2009.04.01
R: 4.7 to 10kΩ
Example of SFP host board schematic
TRPAG1YX/ZXxAxMx
Application Notes
Electrical Interface: All signal interfaces are compliant with
the SFP MSA specification. The high speed DATA interface
is differential AC-coupled internally with 0.1μF and can be
directly connected to a 3.3V SERDES IC. All low speed control
and sense output signals are open collector TTL compatible
and should be pulled up with a 4.7 - 10kΩ resistor on the host
board.
Loss of Signal (LOS): The Loss of Signal circuit monitors the
level of the incoming optical signal and generates a logic HIGH
when an insufficient photocurrent is produced.
TX Fault: The output indicates LOW when the transmitter
is operating normally, and HIGH with a laser fault including
laser end-of-life. TX Fault is an open collector/drain output
and should be pulled up with a 4.7 - 10kΩ resistor on the host
board. TX Fault is non-latching (automatically deasserts when
fault goes away).
TX Disable: When the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled (less than -35dBm).
Optical output is disabled from cold start until operating
wavelength is within specified range.
Serial Identification and Monitoring:The module definition
of SFP is indicated by the three module definition pins,
MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2). Upon power
up, MOD_DEF(1:2) appear as NC (no connection), and
MOD_DEF(0) is TTL LOW. When the host system detects this
condition, it activates the serial protocol (standard two-wire
I2C serial interface) and generates the serial clock signal (SCL).
The positive edge clocks data into the EEPROM segments of
the SFP that are not write protected, and the negative edge
clocks data from the SFP.
The serial data signal (SDA) is for serial data transfer. The
host uses SDA in conjunction with SCL to mark the start and
end of serial protocol activation. The supported monitoring
functions are temperature, voltage, bias current, transmitter
power, average receiver signal, all alarms and warnings, and
software monitoring of TX Fault/LOS. The device is internally
calibrated.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP MSA,
and SFF-8472, Rev. 9.3.
Power supply and grounding:The power supply line should
be well-filtered. All 0.1μF power supply bypass capacitors
should be as close to the transceiver module as possible.
4
TRPAG1
CWDM
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be oper-
ated under specified operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements


Similar Part No. - TRPAG1ZXIABM3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1ZXIBAM1 OPLINK-TRPAG1ZXIBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1ZXIBBM3 OPLINK-TRPAG1ZXIBBM3 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1ZXIBGM OPLINK-TRPAG1ZXIBGM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPAG1ZXIBGM4 OPLINK-TRPAG1ZXIBGM4 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1ZXIBNM8 OPLINK-TRPAG1ZXIBNM8 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPAG1ZXIABM3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com