Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPE48KE2E000E2 Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRPE48KE2E000E2
Description  Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48KE2E000E2 Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPE48KE2E000E2 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48KE2E000E2 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48KE2E000E2 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48KE2E000E2 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48KE2E000E2 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications, Inc.
Oplink Communications, Inc. reserves the right to make changes in equipment design or speci cations without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2006, Oplink Communications, Inc.
O rdering Information
1.49
[.059]
1.99
[.078]
0.45
[.018]
0.60
[.024]
0.60
[.024]
45.00
[1.772]
13.80
[.543]
2.50
[.098]
6.54
[.257]
41.80
[1.646]
6.25
[.246]
2.29
[.090]
Package O utline
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”,.xx = ± .01”
TRPE48K E2-E2 Multi-rate
5
Part N umber
O perating
Temperature
Latch C olor
N ominal
W avelength
SO N ET/SD H
Standards
D istance1
TRPE48KE2C000E2
- 5°C to +70°C
Fuchsia
1550nm DFB
LR-2/L-16.2
100km
TRPE48KE2E000E2
- 5°C to +85°C
1
This is target distance to be used for classi cation and not for speci cation, per Telcordia GR-253-CORE/ITU-T Recommendation G.957.
21737-0975, Rev.A
2009-02-02


Similar Part No. - TRPE48KE2E000E2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48KE2E00010 OPLINK-TRPE48KE2E00010 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2E00010 OPLINK-TRPE48KE2E00010 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2E00020 OPLINK-TRPE48KE2E00020 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2E00020 OPLINK-TRPE48KE2E00020 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2E00030 OPLINK-TRPE48KE2E00030 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPE48KE2E000E2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPA48E2IXFM OPLINK-TRPA48E2IXFM Datasheet
497Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPA48E2ZXLMX OPLINK-TRPA48E2ZXLMX Datasheet
475Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2C00010 OPLINK-TRPE48KE2C00010 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPW48L2 OPLINK-TRPW48L2 Datasheet
451Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP DWDM Transceivers with Digital Diagnostics
TRPA48E2IXLMX OPLINK-TRPA48E2IXLMX Datasheet
474Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48L2MCWDM OPLINK-TRPA48L2MCWDM Datasheet
481Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48I2MCWDM OPLINK-TRPA48I2MCWDM Datasheet
496Kb / 5P
   Multi-rate OC-48/STM-16 IR-2/S-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPE48CS1C000E2 OPLINK-TRPE48CS1C000E2 Datasheet
643Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com