Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRXA12MM Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRXA12MM
Description  Multi-rate OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXA12MM Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRXA12MM Datasheet HTML 1Page - OPLINK Communications Inc. TRXA12MM Datasheet HTML 2Page - OPLINK Communications Inc. TRXA12MM Datasheet HTML 3Page - OPLINK Communications Inc. TRXA12MM Datasheet HTML 4Page - OPLINK Communications Inc. TRXA12MM Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Oplink Communications, Inc.
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX GND
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
TX GND
VccTX
VccRX
RX GND
RD+ (RX DATA OUT+)
RD- (RX DATA OUT-)
RX GND
Top of Board
Pin 2 Internally Grounded
1
2
3
4
5
6
7
8
9
10
TX GND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX GND
RX GND
Bottom of Board
(as viewed thru top of board)
Transmitter Performance Characteristics
TRXA12MM Multi-rate
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-) 1
V
PP-DIF
0.25
-
2.4
V
Input HIGH Voltage (TX Disable) 2
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable) 2
V
IL
0
-
0.8
V
1
Differential peak-to-peak voltage.
2
There is an internal 4.7 to 10kΩ pull-up resistor to VccT.
Receiver Electrical Interface
Electrical Power Supply Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V))
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC
3.13
3.3
3.47
V
Supply Current
I
CC
-
210
285
mA
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-) 1
V
PP-DIF
0.6
-
2.0
V
Output HIGH Voltage (LOS) 2
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (LOS)) 2
V
OL
0
-
0.5
V
1
Differential peak-to-peak voltage across external 100Ω load.
2
Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V))
Module Definition
MOD_DEF(0)
pin 6
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 4
Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
Rev1.2008.07.10
3


Similar Part No. - TRXA12MM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXA12M OPLINK-TRXA12M Datasheet
464Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
More results

Similar Description - TRXA12MM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE12AS1C000E2 OPLINK-TRPE12AS1C000E2 Datasheet
453Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPA12MSM OPLINK-TRPA12MSM Datasheet
512Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12M OPLINK-TRXA12M Datasheet
464Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPA12MM OPLINK-TRPA12MM Datasheet
495Kb / 5P
   OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPE48CS1C000E2 OPLINK-TRPE48CS1C000E2 Datasheet
643Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA03MM OPLINK-TRPA03MM Datasheet
493Kb / 5P
   OC-3/STM-1 SFP Multimode Transceivers with Digital Diagnostics
TRPA12MCWDM OPLINK-TRPA12MCWDM Datasheet
480Kb / 5P
   Multi-rate OC-12/STM-4 SFP CWDM Single Mode Transceivers withDigital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com