Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5602 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5602
Description  VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5602 Datasheet(HTML) 4 Page - Texas Instruments

  TLC5602 Datasheet HTML 1Page - Texas Instruments TLC5602 Datasheet HTML 2Page - Texas Instruments TLC5602 Datasheet HTML 3Page - Texas Instruments TLC5602 Datasheet HTML 4Page - Texas Instruments TLC5602 Datasheet HTML 5Page - Texas Instruments TLC5602 Datasheet HTML 6Page - Texas Instruments TLC5602 Datasheet HTML 7Page - Texas Instruments TLC5602 Datasheet HTML 8Page - Texas Instruments TLC5602 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLC5602C, TLC5602M
VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS023C – FEBRUARY 1989 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
IIH
High-level input current
Digital
VI = 5 V
±1
µA
IIL
Low-level input current
g
inputs
VI = 0 V
±1
µA
Iref
Input reference current
Vref = 4 V
10
µA
VFS
Full-scale analog output voltage
VDD = 5 V,
Vref = 4.02 V
VDD –15
VDD
VDD +15
mV
V5 V
V
4 02 V
TLC5602C
3.919
3.98
4.042
VZS
Zero-scale analog output voltage
VDD = 5 V,
TA = full range§
Vref = 4.02 V,
TLC5602M
3.919
3.98
4.042
V
TA = full range§
TLC5602M
3.919
3.98
4.062
r
Output resistance
TA = 25°C
TLC5602C
60
80
120
ro
Output resistance
TA = full range§
TLC5602M
60
80
120
Ci
Input capacitance
fclock = 1 MHz,
TA = 25°C
15
pF
IDD
Supply current
fclock = 20 MHz, Vref = VDD – 0.95 V
16
25
mA
‡ All typical values are at VDD = 5 V and TA = 25°C.
§ Full range for the TLC5602C is 0
°C to 70°C, and full range for the TLC5602M is –55°C to 125°C.
operating characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TA = full range‡
TLC5602C
±0.2%
EL(adj)
Linearity error, best-straight-line
TA = 25°C
TLC5602M
±0.2%
(j)
TA = full range‡
TLC5602M
±0.4%
EL
Linearity error, end point
±0.15%
ED
Linearity error, differential
±0.2%
Gdiff
Differential gain
NTSC 40-IRE modulated ramp,
0.7%
fdiff
Differential phase
,
fclock = 14.3 MHz, ZL ≥ 75 kΩ
0.4
°
tpd
Propagation delay time, CLK to analog output
CL = 10 pF
25
ns
ts
Settling time to within 1/2 LSB
CL = 10 pF
30
ns
† All typical values are at VDD = 5 V and TA = 25°C.
‡ Full range for the TLC5602C is 0
°C to 70°C, and full range for the TLC5602M is –55°C to 125°C.


Similar Part No. - TLC5602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5602C TI-TLC5602C Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDW TI-TLC5602CDW Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWG4 TI-TLC5602CDWG4 Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWRG4 TI-TLC5602CDWRG4 Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602C TI-TLC5602C_15 Datasheet
220Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com