Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPAG1ZXIEVM2 Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRPAG1ZXIEVM2
Description  Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPAG1ZXIEVM2 Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPAG1ZXIEVM2 Datasheet HTML 1Page - OPLINK Communications Inc. TRPAG1ZXIEVM2 Datasheet HTML 2Page - OPLINK Communications Inc. TRPAG1ZXIEVM2 Datasheet HTML 3Page - OPLINK Communications Inc. TRPAG1ZXIEVM2 Datasheet HTML 4Page - OPLINK Communications Inc. TRPAG1ZXIEVM2 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model Name
Operating
Temperature
Nominal
Wavelength
(nm)
Latch Color
22dB Link Budget Color
(62km Distance)1
24dB Link Budget
(70km Distance)1
TRPAG1YXHBAM1
TRPAG1ZXIBAM1
- 5°C to +70°C
1471
Gray
TRPAG1YXHBVM2
TRPAG1ZXIBVM2
- 5°C to +70°C
1491
Violet
TRPAG1YXHBBM3
TRPAG1ZXIBBM3
- 5°C to +70°C
1511
Blue
TRPAG1YXHBGM4
TRPAG1ZXIBGM4
- 5°C to +70°C
1531
Green
TRPAG1YXHBYM5
TRPAG1ZXIBYM5
- 5°C to +70°C
1551
Yellow
TRPAG1YXHBOM6
TRPAG1ZXIBOM6
- 5°C to +70°C
1571
Orange
TRPAG1YXHBRM7
TRPAG1ZXIBRM7
- 5°C to +70°C
1591
Red
TRPAG1YXHBNM8
TRPAG1ZXIBNM8
- 5°C to +70°C
1611
Brown
TRPAG1YXHEAM1
TRPAG1ZXIEAM1
- 5°C to +85°C
1471
Gray
TRPAG1YXHEVM2
TRPAG1ZXIEVM2
- 5°C to +85°C
1491
Violet
TRPAG1YXHEBM3
TRPAG1ZXIEBM3
- 5°C to +85°C
1511
Blue
TRPAG1YXHEGM4
TRPAG1ZXIEGM4
- 5°C to +85°C
1531
Green
TRPAG1YXHEYM5
TRPAG1ZXIEYM5
- 5°C to +85°C
1551
Yellow
TRPAG1YXHEOM6
TRPAG1ZXIEOM6
- 5°C to +85°C
1571
Orange
TRPAG1YXHERM7
TRPAG1ZXIERM7
- 5°C to +85°C
1591
Red
TRPAG1YXHENM8
TRPAG1ZXIENM8
- 5°C to +85°C
1611
Brown
1
The indicated transmission distance is for guidelines only, not guaranteed. It assumes a total connector/splice/CWDM mux and demux loss of 4.5dB,
allocated system penalty of 2dB and fiber loss of 0.25dB/km. Longer distances can be supported if the optical link power budget is satisfied.
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2006, Oplink Communications, Inc.
Dimensions in inches [mm]
Default tolerances:
.xxx = + .005”, .xx = + .01”
Mechanical Package
Ordering Information
TRPAG1M CWDM MR
RevB-P. 2009.04.01
5


Similar Part No. - TRPAG1ZXIEVM2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1ZXIAAM1 OPLINK-TRPAG1ZXIAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1ZXIABM3 OPLINK-TRPAG1ZXIABM3 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1ZXIAGM4 OPLINK-TRPAG1ZXIAGM4 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1ZXIANM8 OPLINK-TRPAG1ZXIANM8 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1ZXIAOM6 OPLINK-TRPAG1ZXIAOM6 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPAG1ZXIEVM2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com