Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPE48KE2E00030 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRPE48KE2E00030
Description  Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48KE2E00030 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRPE48KE2E00030 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48KE2E00030 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48KE2E00030 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48KE2E00030 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48KE2E00030 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Oplink Communications,
I
nc.
Electrical Pad Layout
H ost B oard C onnector Pad Layout
Tow ard
B ezel
Tow ard
A SIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX GND
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
TX GND
VccTX
VccRX
RX GND
RD+ (RX DATA OUT+)
RD- (RX DATA OUT-)
RX GND
Top of Board
1
2
3
4
5
6
7
8
9
10
TX GND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX GND
RX GND
Bottom of Board
(as view ed thru top of board)
Transmitter Performance C haracteristics
TRPE48K E2 CWDM
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-)1
V
PP-DIF
0.35
-
1.75
V
Input HIGH Voltage (TX Disable)2
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable)2
V
IL
0
-
0.8
V
Output HIGH Voltage (TX Fault)3
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (TX Fault)3
V
OL
0
-
0.8
V
1
Di erential peak-to-peak voltage.
2
There is an internal 4.7 to 10k pull-up resistor to VccT.
3
Open collector compatible, 4.7 to 10k pull-up resistor to Vcc (Host Supply Voltage).
R eceiver Electrical Interface
Electrical Pow er Supply C haracteristics (Over Operating Case Temperature. V
CC = 3.13 to 3.47V))
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC
3.13
3.3
3.47
V
Supply Current
I
CC
-
210
350
mA
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-)1
V
PP-DIF
0.40
-
1.75
V
Output HIGH Voltage (LOS)2
V
OH
V
CC - 1.3
-
V
CC + 0.3
V
Output LOW Voltage (LOS))2
V
OL
0
-
0.5
V
1
Di erential peak-to-peak voltage across external 100 load.
2
Open collector compatible, 4.7 to 10k pull-up resistor to Vcc (Host Supply Voltage).
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V))
Module D efinition
MO D _D EF(0)
pin 6
MO D _D EF(1)
pin 5
MO D _D EF(2)
pin 4
Interpretation by H ost
TTL LOW
SCL
SDA
Serial module de nition protocol
3
21737-0976, Rev.A
2009-02-20


Similar Part No. - TRPE48KE2E00030

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48KE2E00030 OPLINK-TRPE48KE2E00030 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPE48KE2E00030

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPA48E2ZXLMX OPLINK-TRPA48E2ZXLMX Datasheet
475Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48E2IXFM OPLINK-TRPA48E2IXFM Datasheet
497Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPE48KE2C000E2 OPLINK-TRPE48KE2C000E2 Datasheet
473Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPA48E2IXLMX OPLINK-TRPA48E2IXLMX Datasheet
474Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48L2MCWDM OPLINK-TRPA48L2MCWDM Datasheet
481Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPW48L2 OPLINK-TRPW48L2 Datasheet
451Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP DWDM Transceivers with Digital Diagnostics
TRPA48I2MCWDM OPLINK-TRPA48I2MCWDM Datasheet
496Kb / 5P
   Multi-rate OC-48/STM-16 IR-2/S-16.2 SFP CWDM Transceivers with Digital Diagnostics
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
logo
OPLINK Communications I...
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com